Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

590FA148M352DGR Datasheet(PDF) 5 Page - Silicon Laboratories

Part # 590FA148M352DGR
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

590FA148M352DGR Datasheet(HTML) 5 Page - Silicon Laboratories

  590FA148M352DGR Datasheet HTML 1Page - Silicon Laboratories 590FA148M352DGR Datasheet HTML 2Page - Silicon Laboratories 590FA148M352DGR Datasheet HTML 3Page - Silicon Laboratories 590FA148M352DGR Datasheet HTML 4Page - Silicon Laboratories 590FA148M352DGR Datasheet HTML 5Page - Silicon Laboratories 590FA148M352DGR Datasheet HTML 6Page - Silicon Laboratories 590FA148M352DGR Datasheet HTML 7Page - Silicon Laboratories 590FA148M352DGR Datasheet HTML 8Page - Silicon Laboratories 590FA148M352DGR Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Si590/591
Preliminary Rev. 0.25
5
2. Pin Descriptions
Table 8. Pinout for Si590 Series
Pin
Symbol
LVDS/LVPECL/CML Function
CMOS Function
1OE*
No connection
Make no external connection to this pin
Output enable
2OE*
Output enable
No connection
Make no external connection to this pin
3
GND
Electrical and Case Ground
Electrical and Case Ground
4
CLK+
Oscillator Output
Oscillator Output
5
CLK–
Complementary Output
No connection
Make no external connection to this pin
6VDD
Power Supply Voltage
Power Supply Voltage
*Note: OE pin includes an internal 17 k
 pullup resistor to V
DD for output enable active high or a 17 k pulldown resistor to
GND for output enable active low. See 3. "Ordering Information" on page 6.
Table 9. Pinout for Si591 Series
Pin
Symbol
LVDS/LVPECL/CML Function
1
OE*
Output enable
2
No connection
Make no external connection to this pin
No connection
Make no external connection to this pin
3
GND
Electrical and Case Ground
4
CLK+
Oscillator Output
5
CLK–
Complementary output
6VDD
Power Supply Voltage
*Note: OE pin includes an internal 17 k
 pullup resistor to V
DD for output enable active high or a 17 k pulldown resistor to
GND for output enable active low. See 3. "Ordering Information" on page 6.
1
2
3
6
5
4
GND
NC
VDD
CLK
NC
OE
(Top View)
1
2
3
6
5
4
GND
OE
VDD
CLK+
CLK–
NC
1
2
3
6
5
4
GND
NC
VDD
CLK+
CLK–
OE
Si590
LVDS/LVPECL/CML
Si590
CMOS
Si591
LVDS/LVPECL/CML


Similar Part No. - 590FA148M352DGR

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
590 MALLORY-590 Datasheet
68Kb / 2P
   ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
logo
Switchcraft, Inc.
590 SWITCH-590 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
ebm-papst
5900 EBMPAPST-5900 Datasheet
443Kb / 1P
   TUBEAXIAL
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
   AC axial compact fan
logo
Anderson Power Products...
5900 APP-5900 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
More results

Similar Description - 590FA148M352DGR

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
   CRYSTAL LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com