Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si3453C-B01-GM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si3453C-B01-GM
Description  QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3453C-B01-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si3453C-B01-GM Datasheet HTML 5Page - Silicon Laboratories Si3453C-B01-GM Datasheet HTML 6Page - Silicon Laboratories Si3453C-B01-GM Datasheet HTML 7Page - Silicon Laboratories Si3453C-B01-GM Datasheet HTML 8Page - Silicon Laboratories Si3453C-B01-GM Datasheet HTML 9Page - Silicon Laboratories Si3453C-B01-GM Datasheet HTML 10Page - Silicon Laboratories Si3453C-B01-GM Datasheet HTML 11Page - Silicon Laboratories Si3453C-B01-GM Datasheet HTML 12Page - Silicon Laboratories Si3453C-B01-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
Si3452/3
Rev. 1.0
9
Figure 1. I2C Timing Diagram
Table 11. SMBus (I2C) Timing Specifications (see Figure 1)
VDD = 3.0 to 3.6 V
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Serial bus clock frequency
fSCL
0—
400
kHz
SCL high time
tSKH
600
ns
SCL low time
tSKL
1.3
μs
SCL, SDA rise time
tR_SCL
20
300
ns
SCL, SDA fall time
tF_SCL
20
150
ns
Bus free time
tBUF
Between START and STOP
conditions.
1.3
μs
Start hold time
tSTH
Between START and first low SCL.
600
ns
Start setup time
tSTS
Between SCL high and START
condition.
600
ns
Stop setup time
tSPS
Between SCL high and STOP
condition.
600
ns
Data hold time
tDH
200
ns
Data setup time
tDS
200
ns
Time from hardware or soft-
ware reset until start of I2C
traffic
tRESET
Reset to start condition
100
ms
Delay from event to INT pin
low or from clear-on-read to
INT pin high
tINT
——
5
ms
Notes:
1. Not production tested (guaranteed by design).
2. All timing references measured at VIL and VIH.
3. The Si3452/3 will stretch (pull down on) SCK during the ACK time period if required. The maximum SCL stretching is
10 µsec; so, SCL only needs to be bidirectional for I2C bus speeds over 50 kHz.
SCL
D7
fSCL
tR_SCL
tF_SCL
tSKH
SDA
tSKL
tSTH
tSPS
D6
D5
D4
D3
D0
tDS
tDH
Start Bit
Stop Bit
tBUF


Similar Part No. - Si3453C-B01-GM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3453DV VISHAY-SI3453DV Datasheet
257Kb / 11P
   P-Channel 30 V (D-S) MOSFET
09-Jul-2021
SI3453DV VISHAY-SI3453DV Datasheet
233Kb / 10P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI3453DV-T1-GE3 VISHAY-SI3453DV-T1-GE3 Datasheet
257Kb / 11P
   P-Channel 30 V (D-S) MOSFET
09-Jul-2021
SI3453DV VISHAY-SI3453DV_V01 Datasheet
233Kb / 10P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - Si3453C-B01-GM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
   8-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com