Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si3452A-B01-IM Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si3452A-B01-IM
Description  QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si3452A-B01-IM Datasheet(HTML) 5 Page - Silicon Laboratories

  Si3452A-B01-IM Datasheet HTML 1Page - Silicon Laboratories Si3452A-B01-IM Datasheet HTML 2Page - Silicon Laboratories Si3452A-B01-IM Datasheet HTML 3Page - Silicon Laboratories Si3452A-B01-IM Datasheet HTML 4Page - Silicon Laboratories Si3452A-B01-IM Datasheet HTML 5Page - Silicon Laboratories Si3452A-B01-IM Datasheet HTML 6Page - Silicon Laboratories Si3452A-B01-IM Datasheet HTML 7Page - Silicon Laboratories Si3452A-B01-IM Datasheet HTML 8Page - Silicon Laboratories Si3452A-B01-IM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Si3452/3
Rev. 1.0
5
Table 2. Recommended Operating Conditions
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Ambient operating tem-
perature
TA
“–GM” part numbers
–10
85
°C
“–IM” part numbers
–40
85
Thermal impedance*
θ
JA
No airflow
32
°C/W
1 m/s airflow
28
Power Supply Voltages
VEE supply voltage
VEE
For IEEE 802.3af (15.4 W) apps.
–57
–48
–45
V
For IEEE 802.3at (30 W) apps.
–57
–54
–51
VDD supply voltage
VDD
3.0
3.3
3.6
V
Power Supply Currents
VEE supply current
IEE
All ports on, excluding load current.
3.7
6.0
mA
All ports in shutdown mode
1
2
VDD supply current
IDD
—8
14
mA
*Note: Modeled with six parts evenly spaced on a 30 x 120 mm2, four-layer board with 25 thermal vias to a Vneg plane on the
back.
Table 3. UVLO, and Reset Specifications
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
VDD reset threshold
VRST
—2.2
V
VDD power-on ramp
*
Ramp from 0 V to 3.0 V
1
ms
RST input high voltage
0.7 x VDD
——
V
RST input low voltage
0.8
V
RST input leakage
RST =0V
40
μA
Reset time delay
TRSTDLY
Time between end of reset and begin-
ning of normal operation
——
100
ms
Reset assertion time
TRST
RST low time to generate system
reset
15
μs
VEE monitor accuracy
VEEMON
Measured VEE relative to actual VEE
for VEE (–44 to –57 V)
–4
4
%
VEE UVLO threshold
VUVLO
Point at which VEE UVLO is
declared.
VEE going negative
VEE going positive
–38
–36
–33
–31
V
*Note: If VDD ramp time is slower than 1 ms, hold the reset pins low until VDD is above 3.0 V to insure proper reset
operation.


Similar Part No. - Si3452A-B01-IM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3451DV VISHAY-SI3451DV Datasheet
113Kb / 7P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI3451DV-T1-E3 VISHAY-SI3451DV-T1-E3 Datasheet
113Kb / 7P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 30-Jul-07
logo
VBsemi Electronics Co.,...
SI3451DV-T1-GE3 VBSEMI-SI3451DV-T1-GE3 Datasheet
450Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3453DV VISHAY-SI3453DV Datasheet
257Kb / 11P
   P-Channel 30 V (D-S) MOSFET
09-Jul-2021
SI3453DV VISHAY-SI3453DV Datasheet
233Kb / 10P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - Si3452A-B01-IM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4266C LINER-LTC4266C_15 Datasheet
374Kb / 30P
   Quad PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
   8-Port PoE/PoE PSE Controller
LTC4270 LINER-LTC4270_12 Datasheet
389Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4271 LINER-LTC4271_15 Datasheet
403Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
   8-Port PoE/PoE/LTPoE PSE Controller
LTC4270 LINER-LTC4270 Datasheet
616Kb / 32P
   12-Port PoE/PoE/LTPoE PSE Controller
LTC4279 LINER-LTC4279 Datasheet
473Kb / 10P
   Single Port PoE/PoE/LTPoE PSE Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com