Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE302N300GBM+H Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE302N300GBM+H
Description  Low Voltage Detector with Built-in Delay Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE302N300GBM+H Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE302N300GBM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE302N300GBM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE302N300GBM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE302N300GBM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE302N300GBM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE302N300GBM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE302N300GBM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE302N300GBM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE302N300GBM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
 
                                                                                                                      
ACE302
                        Technology
Low Voltage Detector with Built-in Delay Circuit
VER 1.3
Description
ACE302 is a series of high precision voltage detector with ultra low current consumption (500nA typ. at
Vdd=3.0V) and a built-in delay circuit. It can work at very low voltage, which makes it perfect for system
reset.
ACE302 is composed of high precision voltage reference, comparator, delay circuit, output driver and
resistor array. Internally preset detect voltage has a low temperature drift and requires no external
trimming.
Two type of output, CMOS and N-channel open-drain are available.
ACE302 is available in SOT-23-3 which is Pb free.
Features
High-precision detection Voltage:±2%
Detection Voltage:0.9V~6.0V (in 0.1V steps)
Built-in Power on Reset Delay Time circuit::Refer to Selection Guide
Operating Voltage range:0.7V~10V
Ultra-low current consumption:500nA typ. (at VDD=3.0V)
Two Output forms :CMOS and N-channel open-drain (Active Low)
Application
Power monitor for portable equipment such as PDA,DSC,Mobile phone,Notebook,MP3
CPU and Logic Circuit Reset
Battery Checker
Battery Back-up Circuit
Power Failure Detector
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Input Voltage
-0.3~12
V
Output Voltage
-0.3~12
V
Output Current
70
mA
Power Dissipation
150
mW
Ambient temperature
-40~85
Storage temperature
-40~125


Similar Part No. - ACE302N300GBM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302N300GBM+H ACE-ACE302N300GBM+H Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
More results

Similar Description - ACE302N300GBM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com