Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65EPT21 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65EPT21
Description  3.3-V Differential PECL/LVDS to TTL Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65EPT21 Datasheet(HTML) 5 Page - Texas Instruments

  SN65EPT21 Datasheet HTML 1Page - Texas Instruments SN65EPT21 Datasheet HTML 2Page - Texas Instruments SN65EPT21 Datasheet HTML 3Page - Texas Instruments SN65EPT21 Datasheet HTML 4Page - Texas Instruments SN65EPT21 Datasheet HTML 5Page - Texas Instruments SN65EPT21 Datasheet HTML 6Page - Texas Instruments SN65EPT21 Datasheet HTML 7Page - Texas Instruments SN65EPT21 Datasheet HTML 8Page - Texas Instruments SN65EPT21 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
V
@-40°C
OH
V
@25°C
OH
V
@85°C
OH
V
@-40°C
OL
V
@25°C
OL
V
@85°C
OL
0
50
100 150 200 250 300 350 400 450 500
f-Frequency-MHz
0
1
2
3
4
5
V
=3.6V
CC
C
L
C Includes Test
FixtureCapacitance
L
R
L
ACTestLoad
GND
TTL Output
IN
IN
t
PLH
t
PHL
OUT
1.5V
1.5V
SN65EPT21
www.ti.com
SLLS970 – NOVEMBER 2009
Figure 3. Maximum Switching Frequency VCC= 3.6 V
Figure 4. TTL Output AC Test Loading Condition
Figure 5. Output Propagation Delay
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): SN65EPT21


Similar Part No. - SN65EPT21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT21 TI-SN65EPT21 Datasheet
391Kb / 12P
[Old version datasheet]   3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21D TI-SN65EPT21D Datasheet
391Kb / 12P
[Old version datasheet]   3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21DGK TI-SN65EPT21DGK Datasheet
391Kb / 12P
[Old version datasheet]   3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21DGKR TI-SN65EPT21DGKR Datasheet
391Kb / 12P
[Old version datasheet]   3.3-V Differential PECL/LVDS to TTL Translator
SN65EPT21DR TI-SN65EPT21DR Datasheet
391Kb / 12P
[Old version datasheet]   3.3-V Differential PECL/LVDS to TTL Translator
More results

Similar Description - SN65EPT21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65EPT21 TI-SN65EPT21_10 Datasheet
391Kb / 12P
[Old version datasheet]   3.3-V Differential PECL/LVDS to TTL Translator
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT28 ONSEMI-MC10ELT28_06 Datasheet
142Kb / 9P
   5 V TTL to Differential PECL and Differential PECL to TTL Translator
December, 2006 ??Rev. 9
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20_1 Datasheet
432Kb / 12P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21_06 Datasheet
138Kb / 8P
   5 V Differential PECL to TTL Translator
December, 2006 ??Rev. 11
MC10ELT21 ONSEMI-MC10ELT21_15 Datasheet
86Kb / 7P
   5 V Differential PECL to TTL Translator
August, 2015 ??Rev. 13
logo
Texas Instruments
SN65ELT20 TI-SN65ELT20 Datasheet
417Kb / 11P
[Old version datasheet]   5-V TTL-to-Differential PECL Translator
logo
ON Semiconductor
MC10ELT21 ONSEMI-MC10ELT21 Datasheet
81Kb / 3P
   Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT21 MICREL-SY10ELT21 Datasheet
51Kb / 4P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT21 MICREL-SY10ELT21_07 Datasheet
85Kb / 5P
   DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com