Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010ER Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2010ER
Description  1 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2010ER Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2010ER Datasheet HTML 1Page - NXP Semiconductors PMEG2010ER Datasheet HTML 2Page - NXP Semiconductors PMEG2010ER Datasheet HTML 3Page - NXP Semiconductors PMEG2010ER Datasheet HTML 4Page - NXP Semiconductors PMEG2010ER Datasheet HTML 5Page - NXP Semiconductors PMEG2010ER Datasheet HTML 6Page - NXP Semiconductors PMEG2010ER Datasheet HTML 7Page - NXP Semiconductors PMEG2010ER Datasheet HTML 8Page - NXP Semiconductors PMEG2010ER Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PMEG2010ER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 29 December 2008
2 of 13
NXP Semiconductors
PMEG2010ER
1 A low VF MEGA Schottky barrier rectifier
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMEG2010ER
-
plastic surface-mounted package; 2 leads
SOD123W
Table 4.
Marking codes
Type number
Marking code
PMEG2010ER
B5
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj =25 °C
-
20
V
IF(AV)
average forward current
square wave;
δ = 0.5;
f=20kHz
Tamb ≤ 130 °C
[1] -1
A
Tsp ≤ 145 °C-
1
A
IFSM
non-repetitive peak
forward current
square wave;
tp =8ms
[2] -50
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[3][4] -
0.57
W
[3][5] -
0.95
W
[3][1] -
1.8
W


Similar Part No. - PMEG2010ER

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PMEG2010ER INTERSIL-PMEG2010ER Datasheet
851Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Nexperia B.V. All right...
PMEG2010ER NEXPERIA-PMEG2010ER Datasheet
228Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
17 November 2017
PMEG2010ER-Q NEXPERIA-PMEG2010ER-Q Datasheet
257Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
8 June 2021
logo
NXP Semiconductors
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
More results

Similar Description - PMEG2010ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EP NXP-PMEG4010EP Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG4010ER NXP-PMEG4010ER Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG2010BER PHILIPS-PMEG2010BER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010EP PHILIPS-PMEG3010EP_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
PMEG3010ER NXP-PMEG3010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG4010ER NXP-PMEG4010ER_10 Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 02-15 April 2010
PMEG3010BEP NXP-PMEG3010BEP Datasheet
98Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01 ??20 April 2009
logo
Nexperia B.V. All right...
PMEG3010BEA-Q NEXPERIA-PMEG3010BEA-Q Datasheet
201Kb / 10P
   1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
NXP Semiconductors
PMEG6010ER NXP-PMEG6010ER Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com