Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL12W03-D Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TL12W03-D
Description  TOSHIBA LED lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL12W03-D Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TL12W03-D Datasheet HTML 3Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 4Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 5Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 6Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 7Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 8Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 9Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 10Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TL12W03-D(T30)
2009-06-30
10
HOL-1096
Preliminary
7.
Label format
(1) Label contents
Shipped products are mentioned the following contents.
P/N:
TOSHIB A
TYPE
TL12W03-D
ADDC
(T30)
Q
’TY
500 pcs
xxxxxx
xxxxxxxx
xxx
xxxx
(xxxxx)
Use under 5-30degC/60%RH within 168h
SEALED: xxxxxxxx
[[G]]/RoHS COMPATIBLE
DIFFUSED IN JAPAN
*Y3804xxxxxxxxxxxxxxxxx*
ASSEMBLED IN JAPAN
Contents about Note section (Each example means the contents are different for each lot.)
Information for customers use
Information for Toshiba use
1) Lot code
Example: 2707C2B
4) Management code
Example:
715
32G
2) Key code
Example: 123456
5) Packing quantity
Example: 500 pcs
3) Rank symbol
Example: DT1F21
6) Storage condition after opening
Use under 5-30 degC/60%RH within 168h
(2) Label location
1)
2)
4)
5)
3)
6)
Tape feel direction
Label position
Label position
Reel
Carton
The aluminum package in which the reel is supplied also has the label attached to
center of one side.


Similar Part No. - TL12W03-D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
More results

Similar Description - TL12W03-D

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com