Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5615DKD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5615DKD
Description  160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5615DKD Datasheet(HTML) 3 Page - Texas Instruments

  TAS5615DKD Datasheet HTML 1Page - Texas Instruments TAS5615DKD Datasheet HTML 2Page - Texas Instruments TAS5615DKD Datasheet HTML 3Page - Texas Instruments TAS5615DKD Datasheet HTML 4Page - Texas Instruments TAS5615DKD Datasheet HTML 5Page - Texas Instruments TAS5615DKD Datasheet HTML 6Page - Texas Instruments TAS5615DKD Datasheet HTML 7Page - Texas Instruments TAS5615DKD Datasheet HTML 8Page - Texas Instruments TAS5615DKD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TAS5615
www.ti.com
SLAS595B – JUNE 2009 – REVISED FEBRUARY 2010
MODE SELECTION PINS
MODE PINS
OUTPUT
ANALOG
DESCRIPTION
INPUT
CONFIGURATION
M3
M2
M1
0
0
0
Differential
2 × BTL
AD mode
0
0
1
Reserved
0
1
0
Differential
2 × BTL
BD mode
Differential
0
1
1
1 × BTL +2 × SE
AD mode, BTL differential
Single-ended
1
0
0
Single-ended
4 × SE
AD mode
INPUT_C(1)
INPUT_D(1)
1
0
1
Differential
1 × PBTL
0
0
AD mode
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
INPUT_C and _D are used to select between a subset of AD and BD mode operations in PBTL mode (1 = VREG and 0 = AGND).
PACKAGE HEAT DISSIPATION RATINGS
(1)
PARAMETER
TAS5615PHD
TAS5615DKD
RqJC (°C/W) – 2 BTL or 4 SE channels
3.63
2.52
RqJC (°C/W) – 1 BTL or 2 SE channel(s)
5.95
3.22
RqJC (°C/W) – 1 SE channel
9.9
6.9
Pad area (2)
49 mm2
80 mm2
(1)
JC is junction-to-case, CH is case-to-heat sink
(2)
RqH is an important consideration. Assume a 2-mil thickness of typical thermal grease between the pad area and the heat sink and both
channels active. The RqCH with this condition is 1.22°C/W for the PHD package and 1.02°C/W for the DKD package.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
DESCRIPTION
0°C–70°C
TAS5615PHD
64-pin HTQFP
0°C–70°C
TAS5615DKD
44-pin PSOP3
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TAS5615


Similar Part No. - TAS5615DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615DKD TI-TAS5615DKD Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615DKDR TI-TAS5615DKDR Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results

Similar Description - TAS5615DKD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com