Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL12W03-N Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TL12W03-N
Description  TOSHIBA LED lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL12W03-N Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TL12W03-N Datasheet HTML 1Page - Toshiba Semiconductor TL12W03-N Datasheet HTML 2Page - Toshiba Semiconductor TL12W03-N Datasheet HTML 3Page - Toshiba Semiconductor TL12W03-N Datasheet HTML 4Page - Toshiba Semiconductor TL12W03-N Datasheet HTML 5Page - Toshiba Semiconductor TL12W03-N Datasheet HTML 6Page - Toshiba Semiconductor TL12W03-N Datasheet HTML 7Page - Toshiba Semiconductor TL12W03-N Datasheet HTML 8Page - Toshiba Semiconductor TL12W03-N Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL12W03-N(T30)
2009-06-30
3
HOL-1095
Preliminary
Electrical Characteristics (Ta
25°C)
Note 3: VF rank classification
The specification on the above table is used for VF classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Note 4:
Rth(j-s): Thermal resistance from the LED junction to solder point.
Optical Characteristics (Ta
25°C)
Note 5:
The product is tested at the following chromaticity coordinate groups.
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Forward Voltage (Note 3)
VF
IF
350 mA
2.9
3.3
3.9
V
Reverse Voltage
VR
IR
1mA
0.75
V
Thermal Resistance (Note 4)
Rth(j-s)
IF
350 mA
8
°C W
Forward Voltage
VF
Part Number
Min
Typ.
Max
IF
TL12W03-N(T30)
2.9
3.3
3.9
1
2.9
3.4
2
3.4
3.9
350
Unit
V
mA
Characteristics
Symbol
Test condition
Min
Typ.
Max
Unit
Cx
IF
350 mA
(Note 5)
Chromaticity
Cy
IF
350 mA
(Note 5)
Luminous flux (Note 6)
F
IF
350 mA
(67.3)
100
(113)
lm
Cx
Cy
0.348
0.386
0.329
0.367
0.330
0.305
NT1
0.342
0.322
0.367
0.400
0.348
0.386
0.342
0.322
NT2
0.357
0.343
Accuracy: +/-0.01
Ta=25°C
Test conditions: IF=350 mA, Ta=25°C
Accuracy: +/-0.1V
Black body
curve
NT1
NT2
5650K
5000K
4500K
0.26
0.30
0.34
0.38
0.42
0.31
0.33
0.35
0.37
Cx


Similar Part No. - TL12W03-N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
More results

Similar Description - TL12W03-N

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com