Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS728xx Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS728xx
Description  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS728xx Datasheet(HTML) 1 Page - Texas Instruments

  TPS728xx Datasheet HTML 1Page - Texas Instruments TPS728xx Datasheet HTML 2Page - Texas Instruments TPS728xx Datasheet HTML 3Page - Texas Instruments TPS728xx Datasheet HTML 4Page - Texas Instruments TPS728xx Datasheet HTML 5Page - Texas Instruments TPS728xx Datasheet HTML 6Page - Texas Instruments TPS728xx Datasheet HTML 7Page - Texas Instruments TPS728xx Datasheet HTML 8Page - Texas Instruments TPS728xx Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
OUT
EN
IN
GND
VSET
C3
B2
A3
C1
A1
IN
GND
Thermal
Pad
(1)
EN
6
5
4
OUT
VSET
NC
1
2
3
TPS728xxSeries
DRVPACKAGE
2mmx2mmSON-6
(TOPVIEW)
TPS728xxSeries
YZUPACKAGE
WCSP-5
(TOPVIEW)
TPS728xx Series
SBVS095 – AUGUST 2007
www.ti.com
200mA Low-Dropout Linear Regulator
with Pin-Selectable Dual-Voltage Level Output
2
• Very Low Dropout: 230mV Typical at 200mA
The TPS728xx series of low-dropout linear regulators
(LDOs), with a selectable dual-voltage level output, is
• 3% Accuracy Over Load/Line/Temperature
designed specially for applications that require two
• Low I
Q: 50μA in Active Mode
levels of output voltage regulation. Programming
• Available in Fixed-Output Voltages From 0.9V
fuses and memory cards, reducing leakage effects,
to 3.6V Using Innovative Factory EEPROM
and conserving power in nanometric processes are
Programming
some application examples.
• VSET Pin Toggles Output Voltage Between
The VSET pin is used to select one of two output
Two Preset Levels
voltage levels preset through innovative factory
EEPROM programming. A precision bandgap and
Preset Output Voltage Levels Can Be
error amplifier provides an overall 3% accuracy over
EEPROM-Programmed To Any Combination
load, line, and temperature extremes.
• High PSRR: 65dB at 1kHz
Ultra-small wafer chip scale (WCSP) and 2mm x
• Stable with a 1.0μF Ceramic Capacitor
2mm SON packages make the TPS728xx series ideal
• Thermal Shutdown and Over-Current
for handheld applications.
Protection
This family of devices is fully specified over a
• Available in Wafer-Level Chip Scale and
temperature range of TJ = –40°C to +125°C.
2mm x 2mm SON Packages
• Power Rails with Programming Mode
• Dual Voltage Levels for Power-Saving Mode
• Leakage Reduction for 90nm and 65nm
Processors
• Wireless Handsets, Smart Phones, PDAs
• MP3 Players and Other Handheld Products
(1)
It is recommended that the SON package
thermal pad be connected to ground.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS728xx

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Similar Description - TPS728xx

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com