Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D04600-000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # D04600-000
Description  5mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D04600-000 Datasheet(HTML) 1 Page - Tyco Electronics

  D04600-000 Datasheet HTML 1Page - Tyco Electronics D04600-000 Datasheet HTML 2Page - Tyco Electronics D04600-000 Datasheet HTML 3Page - Tyco Electronics D04600-000 Datasheet HTML 4Page - Tyco Electronics D04600-000 Datasheet HTML 5Page - Tyco Electronics D04600-000 Datasheet HTML 6Page - Tyco Electronics D04600-000 Datasheet HTML 7Page - Tyco Electronics D04600-000 Datasheet HTML 8Page - Tyco Electronics D04600-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ROV05, ROV05H
5mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.circuitprotection.com
Document: SCD 25480
Status: Released
Rev. C
May 18, 2005
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
1 of 10
© 2005 Tyco Electronics Corporation
GENERAL DESCRIPTION
The ROV05-XXX (Radial-leaded Metal Oxide Varistor)
products are 5mm radial leaded varistor devices
suitable for protection of overvoltage transients.
ROV devices can provide protection for a wide variety
of power systems against overvoltage faults such as
lightning, power contact and power induction. Suitable
for a broad range of applications including, but not
limited to security, power supplies, surge strips, etc.,
the ROV device helps to protect valuable equipment
from potential power surge damage by clamping high
energy, short duration impulses. The ROV devices
have high current handling and energy absorption
capability and fast response times to help protect
against transient faults.
FEATURES
Radial leaded
Broad Varistor voltage and Vrms range
Varistor voltage : 18V - 750V
Vrms voltage
: 11V - 460V
Two surge capability series
Standard series, High surge series
Various lead types
Straight, Kinked, Other
Various packaging options
Bulk, Tape & Reel, Ammo Pack
Helps designers meet the following standards
UL, CSA, VDE
Fast response time
High current and energy absorption capability
APPLICATIONS
Power supplies and power systems
Line voltage
Telecommunications systems
Automotive systems
Appliances
TYPICAL APPLICATION SCHEMATIC
Protected
device
*
*In some applications, a polymeric PTC device such as a Tyco Electronics PolySwitch device may be used instead of a
fuse to provide a preferred solution.
MATERIALS INFORMATION
RoHS Compliant
ELV Compliant
*After May 1, 2005 all ROV devices will be produced as RoHS compliant devices.


Similar Part No. - D04600-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D04036-000 MACOM-D04036-000 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
logo
List of Unclassifed Man...
D04072080G-00 ETC2-D04072080G-00 Datasheet
695Kb / 14P
   SPECIFICATION FOR APPROVAL
D04072110G-00 ETC2-D04072110G-00 Datasheet
657Kb / 14P
   SPECIFICATION FOR APPROVAL
logo
Newhaven Display Intern...
D0420SD-42-2001FN NEWHAVEN-D0420SD-42-2001FN Datasheet
1Mb / 7P
   Vacuum Fluorescent Display Specification
D0420SD-53-4001F NEWHAVEN-D0420SD-53-4001F Datasheet
769Kb / 7P
   Vacuum Fluorescent Display Specification
More results

Similar Description - D04600-000

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com