Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH104N157501-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # AH104N157501-T
Description  CHIP ANTENNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AH104N157501-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  AH104N157501-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AH104N157501-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc AH104N157501-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc AH104N157501-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc AH104N157501-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc AH104N157501-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc AH104N157501-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc AH104N157501-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
148
1
chipantenna01_e-01
FEATURES
ORDERING CODE
EXTERNAL DIMENSIONS/STANDARD QUANTITY
PART NUMBERS
APPLICATIONS
AF 216M Type, AF 816M Type, AF 116M Type
AH 104F Type
AH 316M Type
AH 104N Type
AH 122F Type
AH 083F Type
AH 086M Type
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Compact and Low-profile
Wide bandwidth and High Gain
Stable temperature characteristics
Bluetooth®, Wireless LAN, GPS, WiMAX, ZigBee, UWB
CHIP ANTENNA
Type
AH Multilayer Antenna
AF
Helical Antenna
Dimensions (case size)[mm]
216
2.5×1.6
816
8.0×1.6
116
11.0×1.6
316
3.2×1.6
083
8.0×3.0
104
10.0×4.0
122
12.0×2.0
086
8.0×6.0
Special Code
F
Inverted F
M
Mono Pole
N
Mono Pole
(Dual)
Frequency[MHz]
example
1575
1574.397~1576.443
2450
2400~2500
5550
3100~8000
1. Describe Center Frequency
2. Lower Frequency for Dualband
Spec Code
01~
S1~ Applicable to AH104F
Packaging
ーT
Tape & Reel
Electrode Code
With Plating
△=Blank space
A
F △ 2
1
6
M
2
4
5
0
0
1 - T
E
Type
L
W
T
E
a
b
c
Standard Quantity (pcs)
Embossed Tape
AF 216M
2.5±0.2
1.6±0.2
1.6±0.2
0.5±0.3
2000
AF 816M
8±0.2
1.6±0.2
1.6±0.2
0.5±0.3
AF 116M
11±0.2
1.6±0.2
1.6±0.2
0.5±0.3
AH 316M
3.2±0.15
1.6±0.15
0.5±0.1
0.5±0.2
1.0 min.
3000
AH 083F
8±0.3
3±0.3
1±0.3
3.1±0.3
1±0.3
1.15±0.3
1000
AH 104F
10±0.3
4±0.3
1±0.3
2.5±0.3
1±0.3
1±0.3
2000
AH 122F
12±0.3
2±0.3
0.95±0.3
5.1±0.3
1±0.3
3.1±0.3
AH 104N
10±0.3
4±0.3
1±0.3
3±0.3
0.8±0.3
1.5±0.3
AH 086M
8±0.3
6±0.3
1±0.3
1.8±0.2
1±0.3
1000
Unit : mm (inch)
Applications
Ordering Code
External Dimensions (mm)
Center Frequency (MHz)
GPS
AF816M157502
8.0×1.6×1.6
1575
AF116M157502
11.0×1.6×1.6
1575
AH316M157501
3.2×1.6×0.5
1575
W-LAN (2.4GHz)
Bluetooth®
WiMAX (2.5GHz)
ZigBee
AF216M245001
2.5×1.6×1.6
2450
AH316M245001
3.2×1.6×0.5
2450
AH083F245001
8.0×3.0×1.0
2450
AH104F2450S1
10.0×4.0×1.0
2450
AH104F2650S1
10.0×4.0×1.0
2650
AH122F245001
12.0×2.0×0.95
2450
W-LAN (2.4GHz/5GHz)
AH104N2450D1
10.0×4.0×1.0
2450/5400
UWB & WiMAX (3.5GHz)
AH086M555001
8.0×6.0×1.0
5550
AH086M555003
8.0×6.0×1.0
5550
REFLOW


Similar Part No. - AH104N157501-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
AH104N2450D1 TAIYO-YUDEN-AH104N2450D1 Datasheet
610Kb / 8P
   Wireless LAN and Bluetooth Module Evaluation Board
AH104N2450D1-T TAIYO-YUDEN-AH104N2450D1-T Datasheet
248Kb / 2P
   Chip Antennas(Multilayer)
More results

Similar Description - AH104N157501-T

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCA-5220-A2-TR RALTRON-RCA-5220-A2-TR Datasheet
461Kb / 3P
   CHIP ANTENNA
RCA-E-1003-E1-TR RALTRON-RCA-E-1003-E1-TR Datasheet
380Kb / 3P
   CHIP ANTENNA
RCA-E-3216-J2-TR RALTRON-RCA-E-3216-J2-TR Datasheet
306Kb / 3P
   CHIP ANTENNA
RCA-W2-P-3216-A36-G RALTRON-RCA-W2-P-3216-A36-G Datasheet
395Kb / 6P
   CHIP ANTENNA
logo
Pulse A Technitrol Comp...
W3014 PULSE-W3014 Datasheet
861Kb / 13P
   Chip Antenna
logo
Raltron Electronics Cor...
RCA-E-3216-EE-TR RALTRON-RCA-E-3216-EE-TR Datasheet
621Kb / 3P
   CHIP ANTENNA
RCA-E-3216-EA-TR RALTRON-RCA-E-3216-EA-TR Datasheet
742Kb / 7P
   CHIP ANTENNA
RCA-3216-A1-TR RALTRON-RCA-3216-A1-TR Datasheet
541Kb / 3P
   CHIP ANTENNA
RCA-9520-A0-TR RALTRON-RCA-9520-A0-TR Datasheet
619Kb / 4P
   CHIP ANTENNA
RCA-E-3216-A2-TR RALTRON-RCA-E-3216-A2-TR Datasheet
552Kb / 3P
   CHIP ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com