Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97632 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL97632
Description  LED Driver with 1-Wire Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97632 Datasheet(HTML) 8 Page - Intersil Corporation

  ISL97632_10 Datasheet HTML 1Page - Intersil Corporation ISL97632_10 Datasheet HTML 2Page - Intersil Corporation ISL97632_10 Datasheet HTML 3Page - Intersil Corporation ISL97632_10 Datasheet HTML 4Page - Intersil Corporation ISL97632_10 Datasheet HTML 5Page - Intersil Corporation ISL97632_10 Datasheet HTML 6Page - Intersil Corporation ISL97632_10 Datasheet HTML 7Page - Intersil Corporation ISL97632_10 Datasheet HTML 8Page - Intersil Corporation ISL97632_10 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FN9239.3
March 22, 2010
SEPIC Operation
For applications where the output voltage is not always
above the input voltage, a buck or boost regulation is
needed. A SEPIC (Single Ended Primary Inductance
Converter) topology, (see Figure 10), can be considered for
such an application. A single cell Li-Ion battery operating a
cellphone backlight or flashlight is one example. The
battery voltage is between 2.5V and 4.2V depending on the
state of charge. On the other hand, the output may require
only one 3V to 4V medium power LED for illumination
because the light guard of the backlight assembly is
optimized or it is a cost efficiency trade off reason.
In fact, a SEPIC configured LED driver is flexible enough to
allow the output to be well above or below the input voltage,
unlike the previous example. Another example is when the
number of LEDs and input requirements are different from
platform to platform, a common circuit and PCB that fit all the
platforms, in some cases, may be beneficial enough that it
outweighs the disadvantage of adding additional component
cost. L1 and L2 can be a coupled inductor in one package.
The simplest way to understand SEPIC topology is to think
about it as a boost regulator in which the input volute is level
shifted downward at the same magnitude and the lowest
reference level starts at -VIN rather than 0V.
The SEPIC works as follows: Assume the circuit in Figure 10
operates normally when the ISL97632 internal switch opens,
and it is in the PWM ‘OFF’ state. After a short duration where
few LC time constants elapsed, the circuit is considered in
the steady-state within the PWM ‘OFF’ period that L1 and L2
are shorted. VB is therefore shorted to the ground and C3 is
charged to VIN with VA = VIN. When the ISL97632 internal
switch closes, and the circuit is in the PWM on state, VA is
now pulled to ground. Since the voltage in C3 cannot be
changed instantaneously, VB is shifted downward and
becomes -VIN. The next cycle, when the ISL97632 switch
opens, VB boosts up to the targeted output like the standard
boost regulator operation, except the lowest reference point
is at -VIN. The output is approximated as shown in
Equation 5:
where D is the on-time of the PWM duty cycle.
The convenience of SEPIC comes with some trade off in
addition to the additional L and C costs. The efficiency is
usually lowered because of the relatively large efficiency
loss through the Schottky diode if the output voltage is low.
The L2 series resistance also contributes additional loss.
Figure 11 shows the efficiency measurement of a single LED
application as the input varies between 2.7V and 4.2V.
Note, VB is considered the level-shifted LX node of a
standard boost regulator. The higher the input voltage, the
lower the VB voltage will be during PWM on period. The
result is that the efficiency will be lower at higher input
voltages because the SEPIC has to work harder to boost up
to the required level. This behavior is the opposite to the
standard boost regulator’s and the comparison is shown in
Figure 11.
PCB Layout Considerations
The layout is very important for the converter to function
properly. RSET must be located as close as possible to the FB
and GND pins. Longer traces to the LEDs are acceptable.
Similarly, the supply decoupling capacitor and the output filter
capacitor should be as close as possible to the VIN and
VOUTpins.
The heat of the IC is mainly dissipated through the thermal
pad of the package. Maximize the copper area connected to
this pad if possible. In addition, a solid ground plane is always
helpful for the EMI performance.
C1
1µF
L1
22µH
1
2
VA
VB
VIN = 2.7V to 5.5V
22µH
L2
C3
1µF
C4
0.22µ
D1
R1
1
Ω
C2
0.1µF
VIN
EN
SDIN
LX
VOUT
FBSW
FB
GND
FIGURE 10. SEPIC LED DRIVER
V
OUT
V
IN
D
1D
()
------------------
=
(EQ. 5)
VIN = 2.7V
VIN = 4.2V
1 LED
L1 = L2 = 22µH
C3 = 1µF
R1 = 4.7
Ω
0
5
10
15
20
ILED (mA)
76
72
68
64
60
FIGURE 11. EFFICIENCY MEASUREMENT OF 1 LED SEPIC
DRIVER
ISL97632


Similar Part No. - ISL97632_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
ISL97632IRT14Z-TK INTERSIL-ISL97632IRT14Z-TK Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632IRT14Z-TK INTERSIL-ISL97632IRT14Z-TK Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
logo
Renesas Technology Corp
ISL97632IRT14ZT RENESAS-ISL97632IRT14ZT Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
More results

Similar Description - ISL97632_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
   4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
LT3492 LINER-LT3492 Datasheet
335Kb / 20P
   Triple Output LED Driver with 3000:1 PWM Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com