Electronic Components Datasheet Search |
|
AD7606BSTZ Datasheet(PDF) 4 Page - Analog Devices |
|
AD7606BSTZ Datasheet(HTML) 4 Page - Analog Devices |
4 / 36 page AD7606/AD7606-6/AD7606-4 Rev. 0 | Page 4 of 36 SPECIFICATIONS VREF = 2.5 V external/internal, AVCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 5.25 V, fSAMPLE = 200 kSPS, TA = TMIN to TMAX, unless otherwise noted.1 Table 2. Parameter Test Conditions/Comments Min Typ Max Unit DYNAMIC PERFORMANCE fIN = 1 kHz sine wave unless otherwise noted Signal-to-Noise Ratio (SNR)2, 3 Oversampling by 16; ±10 V range; fIN = 130 Hz 94 95.5 dB Oversampling by 16; ±5 V range; fIN = 130 Hz 93 94.5 dB No oversampling; ±10 V Range 88.5 90 dB No oversampling; ±5 V range 87.5 89 dB Signal-to-(Noise + Distortion) (SINAD)2 No oversampling; ±10 V range 88 90 dB No oversampling; ±5 V range 87 89 dB Dynamic Range No oversampling; ±10 V range 90.5 dB No oversampling; ±5 V range 90 dB Total Harmonic Distortion (THD)2 −107 −95 dB Peak Harmonic or Spurious Noise (SFDR)2 −108 dB Intermodulation Distortion (IMD)2 fa = 1 kHz, fb = 1.1 kHz Second-Order Terms −110 dB Third-Order Terms −106 dB Channel-to-Channel Isolation2 fIN on unselected channels up to 160 kHz −95 dB ANALOG INPUT FILTER Full Power Bandwidth −3 dB, ±10 V range 23 kHz −3 dB, ±5 V range 15 kHz −0.1 dB, ±10 V range 10 kHz −0.1 dB, ±5 V range 5 kHz tGROUP DELAY ±10 V Range 11 μs ±5 V Range 15 μs DC ACCURACY Resolution No missing codes 16 Bits Differential Nonlinearity2 ±0.5 ±0.99 LSB4 Integral Nonlinearity2 ±0.5 ±2 LSB Total Unadjusted Error (TUE) ±10 V range ±6 LSB ±5 V range ±12 LSB Positive Full-Scale Error2, 5 External reference ±8 ±32 LSB Internal reference ±8 LSB Positive Full-Scale Error Drift External reference ±2 ppm/°C Internal reference ±7 ppm/°C Positive Full-Scale Error Matching2 ±10 V range 5 32 LSB ±5 V range 16 40 LSB Bipolar Zero Code Error2, 6 ±10 V range ±1 ±6 LSB ± 5 V range ±3 ±12 LSB Bipolar Zero Code Error Drift ±10 V range 10 μV/°C ± 5 V range 5 μV/°C Bipolar Zero Code Error Matching2 ±10 V range 1 8 LSB ±5 V range 6 22 LSB Negative Full-Scale Error2, 5 External reference ±8 ±32 LSB Internal reference ±8 LSB Negative Full-Scale Error Drift External reference ±4 ppm/°C Internal reference ±8 ppm/°C Negative Full-Scale Error Matching2 ±10 V range 5 32 LSB ±5 V range 16 40 LSB |
Similar Part No. - AD7606BSTZ |
|
Similar Description - AD7606BSTZ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |