Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7606BSTZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # AD7606BSTZ-RL
Description  8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606BSTZ-RL Datasheet(HTML) 4 Page - Analog Devices

  AD7606BSTZ-RL Datasheet HTML 1Page - Analog Devices AD7606BSTZ-RL Datasheet HTML 2Page - Analog Devices AD7606BSTZ-RL Datasheet HTML 3Page - Analog Devices AD7606BSTZ-RL Datasheet HTML 4Page - Analog Devices AD7606BSTZ-RL Datasheet HTML 5Page - Analog Devices AD7606BSTZ-RL Datasheet HTML 6Page - Analog Devices AD7606BSTZ-RL Datasheet HTML 7Page - Analog Devices AD7606BSTZ-RL Datasheet HTML 8Page - Analog Devices AD7606BSTZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD7606/AD7606-6/AD7606-4
Rev. 0 | Page 4 of 36
SPECIFICATIONS
VREF = 2.5 V external/internal, AVCC = 4.75 V to 5.25 V, VDRIVE = 2.3 V to 5.25 V, fSAMPLE = 200 kSPS, TA = TMIN to TMAX, unless otherwise noted.1
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
fIN = 1 kHz sine wave unless otherwise noted
Signal-to-Noise Ratio (SNR)2, 3
Oversampling by 16; ±10 V range; fIN = 130 Hz
94
95.5
dB
Oversampling by 16; ±5 V range; fIN = 130 Hz
93
94.5
dB
No oversampling; ±10 V Range
88.5
90
dB
No oversampling; ±5 V range
87.5
89
dB
Signal-to-(Noise + Distortion) (SINAD)2
No oversampling; ±10 V range
88
90
dB
No oversampling; ±5 V range
87
89
dB
Dynamic Range
No oversampling; ±10 V range
90.5
dB
No oversampling; ±5 V range
90
dB
Total Harmonic Distortion (THD)2
−107
−95
dB
Peak Harmonic or Spurious Noise (SFDR)2
−108
dB
Intermodulation Distortion (IMD)2
fa = 1 kHz, fb = 1.1 kHz
Second-Order Terms
−110
dB
Third-Order Terms
−106
dB
Channel-to-Channel Isolation2
fIN on unselected channels up to 160 kHz
−95
dB
ANALOG INPUT FILTER
Full Power Bandwidth
−3 dB, ±10 V range
23
kHz
−3 dB, ±5 V range
15
kHz
−0.1 dB, ±10 V range
10
kHz
−0.1 dB, ±5 V range
5
kHz
tGROUP DELAY
±10 V Range
11
μs
±5 V Range
15
μs
DC ACCURACY
Resolution
No missing codes
16
Bits
Differential Nonlinearity2
±0.5
±0.99
LSB4
Integral Nonlinearity2
±0.5
±2
LSB
Total Unadjusted Error (TUE)
±10 V range
±6
LSB
±5 V range
±12
LSB
Positive Full-Scale Error2, 5
External reference
±8
±32
LSB
Internal reference
±8
LSB
Positive Full-Scale Error Drift
External reference
±2
ppm/°C
Internal reference
±7
ppm/°C
Positive Full-Scale Error Matching2
±10 V range
5
32
LSB
±5 V range
16
40
LSB
Bipolar Zero Code Error2, 6
±10 V range
±1
±6
LSB
± 5 V range
±3
±12
LSB
Bipolar Zero Code Error Drift
±10 V range
10
μV/°C
± 5 V range
5
μV/°C
Bipolar Zero Code Error Matching2
±10 V range
1
8
LSB
±5 V range
6
22
LSB
Negative Full-Scale Error2, 5
External reference
±8
±32
LSB
Internal reference
±8
LSB
Negative Full-Scale Error Drift
External reference
±4
ppm/°C
Internal reference
±8
ppm/°C
Negative Full-Scale Error Matching2
±10 V range
5
32
LSB
±5 V range
16
40
LSB


Similar Part No. - AD7606BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606BSTZ-RL AD-AD7606BSTZ-RL Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
More results

Similar Description - AD7606BSTZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7606 AD-AD7606_17 Datasheet
955Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606B AD-AD7606B_19 Datasheet
1Mb / 69P
   8-Channel DAS Bipolar Input, Simultaneous Sampling ADC
AD7607 AD-AD7607_16 Datasheet
779Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7616 AD-AD7616 Datasheet
1Mb / 51P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7616-P AD-AD7616-P Datasheet
848Kb / 47P
   16-Channel DAS with 16-Bit, Bipolar Input, Dual Simultaneous Sampling ADC
AD7607 AD-AD7607_17 Datasheet
869Kb / 33P
   8-Channel DAS with 14-Bit, Bipolar Input Simultaneous Sampling ADC
AD7607 AD-AD7607 Datasheet
681Kb / 32P
   8-Channel DAS with 14-Bit, Bipolar Input, Simultaneous Sampling ADC
REV. B
AD7606C-16 AD-AD7606C-16 Datasheet
1Mb / 74P
   8-Channel DAS with 16-Bit, 1 MSPS Bipolar Input, Simultaneous Sampling ADC
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com