Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADD5203 Datasheet(PDF) 8 Page - Analog Devices

Part # ADD5203
Description  8-String,White LED Driver with SMBus and PWM Input for LCD Backlight Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD5203 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADD5203 Datasheet HTML 4Page - Analog Devices ADD5203 Datasheet HTML 5Page - Analog Devices ADD5203 Datasheet HTML 6Page - Analog Devices ADD5203 Datasheet HTML 7Page - Analog Devices ADD5203 Datasheet HTML 8Page - Analog Devices ADD5203 Datasheet HTML 9Page - Analog Devices ADD5203 Datasheet HTML 10Page - Analog Devices ADD5203 Datasheet HTML 11Page - Analog Devices ADD5203 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADD5203
Rev. 0 | Page 8 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
PWMI
2
SEL1
3
SEL2
4
VDDIO
5
SDA
6
SCL
7
FB1
17 ISET
18 R_FPWM
19 C_FPWM
20 PGND
21 PGND
NOTES
1. NC = NO CONNECT.
2. CONNECT THE EXPOSED PADDLE TO GND.
16 NC
15 FB8
ADD5203
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PWMI
PWM Signal Input.
2
SEL1
Dimming Mode Selection 1.
3
SEL2
Dimming Mode Selection 2.
4
VDDIO
Internal Linear Regulator Output. This regulator provides power to the ADD5203.
5
SDA
Serial Data Input/Output.
6
SCL
Serial Clock Input.
7
FB1
Regulated Current Sink. Connect the bottom cathode of the LED string to this pin.
8
FB2
Regulated Current Sink. Connect the bottom cathode of the LED string to this pin.
9
FB3
Regulated Current Sink. Connect the bottom cathode of the LED string to this pin.
10
FB4
Regulated Current Sink. Connect the bottom cathode of the LED string to this pin.
11
AGND
Analog Ground.
12
FB5
Regulated Current Sink. Connect the bottom cathode of the LED string to this pin. If unused, connect to GND.
13
FB6
Regulated Current Sink. Connect the bottom cathode of the LED string to this pin. If unused, connect to GND.
14
FB7
Regulated Current Sink. Connect the bottom cathode of the LED string to this pin. If unused, connect to GND.
15
FB8
Regulated Current Sink. Connect the bottom cathode of the LED string to this pin. If unused, connect to GND.
16
NC
No Connection.
17
ISET
Full-Scale LED Current Set. A resistor from this pin to ground sets the LED current up to 30 mA.
18
R_FPWM
Dimming frequency adjustment pin with an external resistor.
19
C_FPWM
Dimming frequency adjustment pin with an external capacitor.
20
PGND
Power Ground.
21
PGND
Power Ground.
22
OVP
Overvoltage Protection.
23
SW
Drain Connection of the Internal Power FET.
24
SW
Drain Connection of the Internal Power FET.
25
SHDN
Shutdown Control for PWM Input Operation Mode. Active low.
26
VIN
Supply Input. Must be locally bypassed with a capacitor to ground.
27
FSLCT
Frequency Select. A resistor from this pin to ground sets the boost switching frequency from 350 kHz to 1 MHz.
28
COMP
Compensation for Boost Converter. A capacitor and a resistor are connected in series between ground and
this pin for stable operation and an optional capacitor can be connected from this pin to ground.
EP
Exposed Paddle. Connect the exposed paddle to ground.


Similar Part No. - ADD5203

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5205ACPZ-RL AD-ADD5205ACPZ-RL Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
ADD5207ACPZ-RL AD-ADD5207ACPZ-RL Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results

Similar Description - ADD5203

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17061 MAXIM-MAX17061 Datasheet
424Kb / 26P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 1/08
MAX17061A MAXIM-MAX17061A Datasheet
530Kb / 24P
   8-String White LED Driver with SMBus for LCD Panel Applications
Rev 0; 2/09
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Maxim Integrated Produc...
MAX8790A MAXIM-MAX8790A Datasheet
430Kb / 23P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 10/07
MAX8790 MAXIM-MAX8790 Datasheet
456Kb / 24P
   Six-String White LED Driver with Active Current Balancing for LCD Panel Applications
Rev 0; 11/06
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
   WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
ATMEL Corporation
MSL3085BT ATMEL-MSL3085BT Datasheet
1Mb / 20P
   8-string White and RGB LED Driver with Adaptive Power Control, EEPROM, and I2C/SMBus Serial Interface
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
   50V, 8-String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com