Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADIS16385 Datasheet(PDF) 4 Page - Analog Devices

Part No. ADIS16385
Description  Six Degrees of Freedom Inertial Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16385 Datasheet(HTML) 4 Page - Analog Devices

  ADIS16385 Datasheet HTML 1Page - Analog Devices ADIS16385 Datasheet HTML 2Page - Analog Devices ADIS16385 Datasheet HTML 3Page - Analog Devices ADIS16385 Datasheet HTML 4Page - Analog Devices ADIS16385 Datasheet HTML 5Page - Analog Devices ADIS16385 Datasheet HTML 6Page - Analog Devices ADIS16385 Datasheet HTML 7Page - Analog Devices ADIS16385 Datasheet HTML 8Page - Analog Devices ADIS16385 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADIS16385
Preliminary Technical Data
Rev. PrA | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC INPUT
Resolution
12
Bits
Integral Nonlinearity
±2
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±4
LSB
Gain Error
±2
LSB
Input Range
0
3.3
V
Input Capacitance
During acquisition
20
pF
DAC OUTPUT
5 kΩ/100 pF to GND
Resolution
12
Bits
Relative Accuracy
101 LSB ≤ input code ≤ 4095 LSB
±4
LSB
Differential Nonlinearity
±1
LSB
Offset Error
±5
mV
Gain Error
±0.5
%
Output Range
0
3.3
V
Output Impedance
2
Ω
Output Settling Time
10
μs
LOGIC INPUTS1
Input High Voltage, VIH
2.0
V
Input Low Voltage, VIL
0.8
V
CS signal to wake up from sleep mode
0.55
V
CS Wake-Up Pulse Width
20
μs
Logic 1 Input Current, IIH
VIH = 3.3 V
±0.2
±10
μA
Logic 0 Input Current, IIL
VIL = 0 V
All Pins Except RST
40
60
μA
RST Pin
1
mA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS1
Output High Voltage, VOH
ISOURCE = 1.6 mA
2.4
V
Output Low Voltage, VOL
ISINK = 1.6 mA
0.4
V
FLASH MEMORY
Endurance2
10,000
Cycles
Data Retention3
TJ = 85°C
20
Years
FUNCTIONAL TIMES4
Time until data is available
Power-On Startup Time
TBD
ms
Reset Recovery Time
TBD
ms
Sleep Mode Recovery Time
TBD
ms
Flash Memory Test Time
TBD
ms
Automatic Self-Test Time
SMPL_PRD = 0x0001
TBD
ms
CONVERSION RATE
SMPL_PRD = 0x0001
1024
SPS
Clock Accuracy
±3
%
Sync Input Clock
0.85
1.2
kHz
POWER SUPPLY
Operating voltage range, VCC
4.85
5.0
5.15
V
Power Supply Current
TBD
mA
Sleep mode
TBD
μA
1 The digital I/O signals are driven by an internal 3.3 V supply, and the inputs are 5 V tolerant.
2 Endurance is qualified as per JEDEC Standard 22, Method A117, and measured at −40°C, +25°C, +85°C, and +125°C.
3 The data retention lifetime equivalent is at a junction temperature (TJ) of 85°C as per JEDEC Standard 22, Method A117. Data retention lifetime decreases with junction
temperature.
4 These times do not include thermal settling and internal filter response times (330 Hz bandwidth), which may affect overall accuracy.
5 The sync input clock functions below the specified minimum value, at reduced performance levels.


Similar Part No. - ADIS16385

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16300/PCBZ AD-ADIS16300/PCBZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16385

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz