Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADIS16385 Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16385
Description  Six Degrees of Freedom Inertial Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16385 Datasheet(HTML) 1 Page - Analog Devices

  ADIS16385 Datasheet HTML 1Page - Analog Devices ADIS16385 Datasheet HTML 2Page - Analog Devices ADIS16385 Datasheet HTML 3Page - Analog Devices ADIS16385 Datasheet HTML 4Page - Analog Devices ADIS16385 Datasheet HTML 5Page - Analog Devices ADIS16385 Datasheet HTML 6Page - Analog Devices ADIS16385 Datasheet HTML 7Page - Analog Devices ADIS16385 Datasheet HTML 8Page - Analog Devices ADIS16385 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Six Degrees of Freedom Inertial Sensor
Preliminary Technical Data
ADIS16385
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
Triaxis digital gyroscope with digital range scaling
±75°/sec, ±150°/sec, ±300°/sec settings
Orthogonal alignment: <0.05°
In-run bias stability: 6°/hour (yaw), 25°/hour (pitch/roll)
Triaxis digital accelerometer: ±5 g
Autonomous operation and data collection
No external configuration commands required
Startup time: 180 ms
Sleep mode recovery: 4 ms
Factory-calibrated sensitivity, bias, and axial alignment
Calibration temperature range: −40°C to +85°C
Single serial peripheral interface, SPI-compatible
Wide bandwidth: 330 Hz
Embedded temperature sensor
Programmable operation and control
Automatic and manual bias correction controls
Digital filters: Bartlett FIR, average/decimation
Digital I/O: data-ready, alarm indicator, general-purpose
Alarms for condition monitoring
Sleep mode for power management
DAC output voltage
Enable external sample clock input: up to 1.2 kHz
Single-supply operation: 4.85 V to 5.15 V
2000 g shock survivability
Operating temperature range: −40°C to +105°C
APPLICATIONS
Platform stabilization and control
Navigation
Robotics
FUNCTIONAL BLOCK DIAGRAM
TRI-AXIS MEMS
ANGULAR RATE
SENSOR
SIGNAL
CONDITIONING
AND
CONVERSION
CALIBRATION
AND
DIGITAL
PROCESSING
DIGITAL
CONTROL
POWER
MANAGEMENT
OUTPUT
REGISTERS
AND SPI
INTERFACE
AUX_ADC
AUX_DAC
RST
CS
SCLK
DIN
DOUT
TRI-AXIS MEMS
ACCELERATION
SENSOR
VCC
GND
DIO4/CLKIN
SELF-TEST
ADIS16360/
ADIS16365
TEMPERATURE
SENSOR
ALARMS
DIO3
DIO2
DIO1
ADIS16385
Figure 1.
GENERAL DESCRIPTION
The ADIS16385 iSensor® devices are complete inertial systems
that include a triaxis gyroscope and triaxis accelerometer. Each
sensor in the ADIS16385 combines industry-leading iMEMS®
technology with signal conditioning that optimizes dynamic
performance. The factory calibration characterizes each sensor
for sensitivity, bias, alignment, and linear acceleration (gyro bias).
As a result, each sensor has its own dynamic compensation formulas
that provide accurate sensor measurements. The yaw-axis gyro-
scope offers a 4× improvement in noise and in-run bias stability
for applications that have greater requirements on one axis.
The ADIS16385 provide a simple, cost-effective method for
integrating accurate, multiaxis inertial sensing into industrial
systems, especially when compared with the complexity and
investment associated with discrete designs. All necessary motion
testing and calibration are part of the production process at the
factory, greatly reducing system integration time. Tight orthogonal
alignment simplifies inertial frame alignment in navigation systems.
The SPI and register structure provide a simple interface for
data collection and configuration control.
The ADIS16385 has a compatible pinout for systems that currently
use ADIS1635x, ADIS1636x, and ADIS1640x IMU products.
It comes in a module that is approximately 36 mm × 47 mm ×
39 mm and has a standard connector interface.


Similar Part No. - ADIS16385

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16300/PCBZ AD-ADIS16300/PCBZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16385

ManufacturerPart #DatasheetDescription
Analog Devices
Analog Devices
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com