Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16385 Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16385
Description  Six Degrees of Freedom Inertial Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16385 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16385 Datasheet HTML 7Page - Analog Devices ADIS16385 Datasheet HTML 8Page - Analog Devices ADIS16385 Datasheet HTML 9Page - Analog Devices ADIS16385 Datasheet HTML 10Page - Analog Devices ADIS16385 Datasheet HTML 11Page - Analog Devices ADIS16385 Datasheet HTML 12Page - Analog Devices ADIS16385 Datasheet HTML 13Page - Analog Devices ADIS16385 Datasheet HTML 14Page - Analog Devices ADIS16385 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Preliminary Technical Data
ADIS16385
Rev. PrA | Page 11 of 20
USER REGISTERS
Table 13. User Register Memory Map1
Name
R/W
Flash Backup
Address2
Default
Register Description
Reference
FLASH_CNT
R
Yes
0x00
N/A
Flash memory write count
Table 20
Reserved
N/A
N/A
0x02
N/A
Reserved
N/A
XGYRO_OUT
R
No
0x04
N/A
X-axis gyroscope output
Table 9
YGYRO_OUT
R
No
0x06
N/A
Y-axis gyroscope output
Table 9
ZGYRO_OUT
R
No
0x08
N/A
Z-axis gyroscope output
Table 9
XACCL_OUT
R
No
0x0A
N/A
X-axis accelerometer output
Table 10
YACCL_OUT
R
No
0x0C
N/A
Y-axis accelerometer output
Table 10
ZACCL_OUT
R
No
0x0E
N/A
Z-axis accelerometer output
Table 10
TEMP_OUT
R
No
0x10
N/A
Internal temperature output
Table 11
AUX_ADC
R
No
0x12
N/A
Auxiliary ADC output
Table 12
Reserved
N/A
N/A
0x014 to 0x19
N/A
Reserved
XGYRO_OFF
R/W
Yes
0x1A
0x0000
X-axis gyroscope bias correction factor
Table 31
YGYRO_OFF
R/W
Yes
0x1C
0x0000
Y-axis gyroscope bias correction factor
Table 31
ZGYRO_OFF
R/W
Yes
0x1E
0x0000
Z-axis gyroscope bias correction factor
Table 31
XACCL_OFF
R/W
Yes
0x20
0x0000
X-axis acceleration bias correction factor
Table 32
YACCL_OFF
R/W
Yes
0x22
0x0000
Y-axis acceleration bias correction factor
Table 32
ZACCL_OFF
R/W
Yes
0x24
0x0000
Z-axis acceleration bias correction factor
Table 32
ALM_MAG1
R/W
Yes
0x26
0x0000
Alarm 1, amplitude threshold
Table 34
ALM_MAG2
R/W
Yes
0x28
0x0000
Alarm 2, amplitude threshold
Table 35
ALM_SMPL1
R/W
Yes
0x2A
0x0000
Alarm 1, dynamic time change
Table 36
ALM_SMPL2
R/W
Yes
0x2C
0x0000
Alarm 2, dynamic time change
Table 36
ALM_CTRL
R/W
Yes
0x2E
0x0000
Alarm control
Table 37
AUX_DAC
R/W
No
0x30
0x0000
Auxiliary DAC output level setting
Table 25
GPIO_CTRL
R/W
No
0x32
0x0000
Auxiliary digital input/output control
Table 24
MSC_CTRL
R/W
Yes
0x34
0x0006
Miscellaneous control: data ready, self-test
Table 21
SMPL_PRD
R/W
Yes
0x36
0x0001
Sample clock source, decimation rate
Table 28
SENS_AVG
R/W
Yes
0x38
0x0402
Dynamic range and digital filter control
Table 29
SLP_CTRL
W
No
0x3A
0x0000
Sleep mode control
Table 16
DIAG_STAT
R
No
0x3C
0x0000
System status (error flags)
Table 22
GLOB_CMD
R/W
No
0x3E
0x0000
System command (global)
Table 15
Reserved
N/A
N/A
0x40 to 0x51
N/A
Reserved
LOT_ID1
R
Yes
0x52
N/A
Lot Identification Code 1
Table 17
LOT_ID2
R
Yes
0x54
N/A
Lot Identification Code 2
Table 17
PROD_ID
R
Yes
0x56
0x4001
Product identification, ADIS16385
Table 19
SERIAL_NUM
R
Yes
0x58
N/A
Serial number
Table 18
1 N/A = not applicable.
2 Each register contains two bytes. The address of the lower byte is displayed. The address of the upper byte is equal to the address of the lower byte plus 1.


Similar Part No. - ADIS16385

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16300/PCBZ AD-ADIS16300/PCBZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16385

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com