Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

ADIS16385 Datasheet(PDF) 16 Page - Analog Devices

Part No. ADIS16385
Description  Six Degrees of Freedom Inertial Sensor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16385 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS16385 Datasheet HTML 12Page - Analog Devices ADIS16385 Datasheet HTML 13Page - Analog Devices ADIS16385 Datasheet HTML 14Page - Analog Devices ADIS16385 Datasheet HTML 15Page - Analog Devices ADIS16385 Datasheet HTML 16Page - Analog Devices ADIS16385 Datasheet HTML 17Page - Analog Devices ADIS16385 Datasheet HTML 18Page - Analog Devices ADIS16385 Datasheet HTML 19Page - Analog Devices ADIS16385 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADIS16385
Preliminary Technical Data
Rev. PrA | Page 16 of 20
CALIBRATION
The mechanical structure and assembly process of the ADIS16385
provide excellent position and alignment stability for each sensor,
even after subjected to temperature cycles, shock, vibration, and
other environmental conditions. The factory calibration includes a
dynamic characterization of each sensor’s behavior over temperature
and generates sensor-specific correction formulas. The bias
correction registers in Table 30 provide users with the ability to
address bias shifts that can result from mechanical stress. Figure 19
illustrates the summing function of each sensor’s offset correction
register.
Table 30. Registers for User Calibration
Register
Address
Description
XGYRO_OFF
0x1A
Gyroscope bias, x-axis
YGYRO_OFF
0x1C
Gyroscope bias, y-axis
ZGYRO_OFF
0x1E
Gyroscope bias, z-axis
XACCL_OFF
0x20
Accelerometer bias, x-axis
YACCL_OFF
0x22
Accelerometer bias, y-axis
ZACCL_OFF
0x24
Accelerometer bias, z-axis
GLOB_CMD
0x3E
Automatic calibration
Figure 19. User Calibration, XGYRO_OFF Example
There are two options for optimizing gyroscope bias accuracy
prior to system deployment: automatic bias correction (ABC)
and manual bias correction (MBC).
Automatic Bias Correction (ABC)
Set GLOB_CMD[0] = 1 (DIN = 0xBE01) to start the ABC
function, which uses the following internal sequence to
calibrate each gyroscope for bias error:
1.
Set the output range to ±75°/sec and wait for a complete
output data cycle to complete (the SMPL_PRD[12:8] bits
set this time).
2.
Read the output register of the gyroscope.
3.
Multiply the measurement by −1 to change its polarity.
4.
Write the final value into the offset register.
The Allan Variance curves in Figure 7, Figure 9, and Figure 8
provide a trade-off between bias accuracy and averaging time.
SMPL_PRD[12:8] provide a user control for averaging time
when using the ABC function. Use this setting, in combination
with GLOB_CMD[0], to create the automatic bias correction
function.
ABC Example
Set SMPL_PRD[15:8] = 0x10 (DIN = 0xB710) to set the decimation
rate to 65,536 (216), which provides an averaging time of 64 seconds
(65536 ÷ 1024 SPS) for this function. Then, set GLOB_CMD[0] = 1
(DIN = 0xBE01) and keep the platform stable for at least 65 seconds
while the gyroscope bias data accumulates. After this completes,
the ADIS16385 automatically updates the flash memory. The
SPI is inactive and does not respond to user inputs while the
ABC is processing. The only way to interrupt it is to remove
power or initiate a hardware reset using the RST pin. When
using SMPL_PRD[12:8] = 0x10, the 1-σ accuracy for this
correction is approximately 0.008°/sec for the X-axis and Y-axis
gyroscopes and 0.003°/sec for the Z-axis gyroscope. See Table 15
for more information on GLOB_CMD.
Manual Bias Correction
The manual bias correction (MBC) function requires the user to
collect the desired number of samples, calculate the averages to
develop bias estimates for each gyroscope channel, and then write
them into the bias offset registers, located in Table 31 for the gyro-
scopes. For example, set XGYRO_OFF = 0x1FF6 (DIN = 0x9B1F,
0x9AF6) to adjust the XGYRO_OUT offset by −0.03125°/sec
(−10 LSBs). Table 32 provides a manual adjustment function for
the accelerometer channels as well.
Table 31. XGYRO_OFF, YGYRO_OFF, and ZGYRO_OFF
Bit Descriptions
Bits
Description (Default = 0x0000)
[15:0]
Twos complement, 0.003125°/sec per LSB. Typical
adjustment range = ±102°/sec.
Table 32. XACCL_OFF, YACCL_OFF, and ZACCL_OFF
Bit Descriptions
Bits
Description (Default = 0x0000)
[15:0]
Data bits. Twos complement, 0.25 mg/LSB. Typical
adjustment range = ±8.192 g.
Restoring Factory Calibration
Set GLOB_CMD[1] = 1 (DIN = 0xBE02) to execute the factory
calibration restore function. This is a single-command function,
which resets each user calibration register to 0x0000 and all sensor
data to zero. Then, it automatically updates the flash memory
within 50 ms. See Table 15 for more information on GLOB_CMD.
Point-of-Percussion (Gyroscope)
Set MSC_CTRL[6] = 1 (DIN = 0xB486) to enable this feature
and maintain the factory-default settings for DIO1. This feature
performs a point-of-percussion translation to the point identified
in Figure 6. See Table 21 for more information on MSC_CTRL.


Similar Part No. - ADIS16385

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16300 AD-ADIS16300 Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300 AD-ADIS16300 Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
ADIS16300/PCBZ AD-ADIS16300/PCBZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
491Kb / 16P
   Four Degrees of Freedom Inertial Sensor
REV. 0
ADIS16300AMLZ AD-ADIS16300AMLZ Datasheet
1Mb / 15P
   iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16385

ManufacturerPart No.DatasheetDescription
Analog Devices
Analog Devices
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16364 AD-ADIS16364 Datasheet
257Kb / 16P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz