Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR31-5.08PA-5SDL Datasheet(PDF) 3 Page - Hirose Electric

Part # HR31-5.08PA-5SDL
Description  Interface Connectors for Factory Automation Network
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR31-5.08PA-5SDL Datasheet(HTML) 3 Page - Hirose Electric

  HR31-5.08PA-5SDL Datasheet HTML 1Page - Hirose Electric HR31-5.08PA-5SDL Datasheet HTML 2Page - Hirose Electric HR31-5.08PA-5SDL Datasheet HTML 3Page - Hirose Electric HR31-5.08PA-5SDL Datasheet HTML 4Page - Hirose Electric HR31-5.08PA-5SDL Datasheet HTML 5Page - Hirose Electric HR31-5.08PA-5SDL Datasheet HTML 6Page - Hirose Electric HR31-5.08PA-5SDL Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
s Plug (with screw lock)
HR31-5.08P-5SC
25.4
35.5
27
Gold
1.04
to 2.63mm2
0.2
to 1.65mm2
YES
131-0004-8-71
131-0005-0-71
1g
4
3.3
HR31-SC-111(71)
HR31-SC-121(71)
Part No.
CL No.
Weight
ØA
Contact plating
Applicable conductor cross area (Note 2)
RoHS
Note 1: Bag packaging (100 pieces/bag)
Note 2: For a multi-strand conductors
Plug (without screw lock)
HR31-5.08PA-5SC
25.4
27
s Crimp contact
23
B
B - B
B
Black
Green
YES
131-0002-2-71
131-0002-2-72
8g
HR31-5.08P-5SC(71)
HR31-5.08P-5SC(72)
Part No.
CL No.
Weight
Color
RoHS
Black
Green
YES
131-0009-1
131-0009-1-01
6g
HR31-5.08PA-5SC
HR31-5.08PA-5SC(01)
Part No.
CL No.
Weight
Color
RoHS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR31-5.08PA-5SDL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08PA-5SDL HIROSE-HR31-5.08PA-5SDL Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
More results

Similar Description - HR31-5.08PA-5SDL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR31-5.08PA-5SC HIROSE-HR31-5.08PA-5SC Datasheet
1Mb / 8P
   Interface Connectors for Factory Automation Network
HR31 HIROSE-HR31 Datasheet
242Kb / 6P
   Interface Connectors for Factory Automation Network
logo
Toshiba Semiconductor
TLP716F TOSHIBA-TLP716F Datasheet
142Kb / 2P
   Plasma display panel High Speed Interface Factory Automation
TLP716 TOSHIBA-TLP716_07 Datasheet
215Kb / 6P
   Plasma display panel High Speed Interface Factory Automation
logo
Silicon Laboratories
EFM32PG1 SILABS-EFM32PG1 Datasheet
964Kb / 94P
   Industrial and factory automation
logo
Toshiba Semiconductor
TLP117 TOSHIBA-TLP117_14 Datasheet
265Kb / 7P
   PDP (Plasma Display Panel),FA (Factory Automation),High-Speed Interface
logo
Texas Instruments
DP83848C TI1-DP83848C_15 Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
logo
Holt Integrated Circuit...
HI-4853 HOLTIC-HI-4853 Datasheet
1Mb / 14P
   Process Control and Factory Automation
logo
Amphenol Corporation
P29045 AMPHENOL-P29045 Datasheet
14Mb / 28P
   FACTORY AUTOMATION POWER AND CONTROL MEDIA
logo
Lumberg
ASBSM4-LED3 LUMBERG-ASBSM4-LED3 Datasheet
8Mb / 178P
   Connectors & Components for Automation Technology
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com