Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5505 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5505
Description  450 MHz to 6000Mhz TruPwr Detector
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5505 Datasheet(HTML) 2 Page - Analog Devices

  ADL5505 Datasheet HTML 1Page - Analog Devices ADL5505 Datasheet HTML 2Page - Analog Devices ADL5505 Datasheet HTML 3Page - Analog Devices ADL5505 Datasheet HTML 4Page - Analog Devices ADL5505 Datasheet HTML 5Page - Analog Devices ADL5505 Datasheet HTML 6Page - Analog Devices ADL5505 Datasheet HTML 7Page - Analog Devices ADL5505 Datasheet HTML 8Page - Analog Devices ADL5505 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADL5505
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Circuit Description......................................................................... 13
RMS Circuit Description and Filtering ................................... 13
Filtering........................................................................................ 13
Output Buffer.............................................................................. 13
Applications Information .............................................................. 14
Basic Connections...................................................................... 14
RF Input Interfacing................................................................... 14
Linearity....................................................................................... 15
Output Drive Capability and Buffering................................... 16
Selecting the Output Low-Pass Filter ...................................... 16
Power Consumption .................................................................. 17
Device Calibration and Error Calculation.............................. 17
Calibration for Improved Accuracy......................................... 18
Drift Over a Reduced Temperature Range ............................. 18
Device Handling......................................................................... 18
Land Pattern and Soldering Information................................ 18
Evaluation Board ........................................................................ 18
Outline Dimensions ....................................................................... 20
Ordering Guide .......................................................................... 20
REVISION HISTORY
4/10—Revision 0: Initial Version


Similar Part No. - ADL5505

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL5500-EVALZ AD-ADL5500-EVALZ Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL55001 AD-ADL55001 Datasheet
395Kb / 6P
   Tape and Reel Packaging
ADL5500ACBZ-P2 AD-ADL5500ACBZ-P2 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results

Similar Description - ADL5505

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5504 AD-ADL5504 Datasheet
1Mb / 24P
   450 MHz to 6000 MHz TruPwr Detector
REV. 0
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5500 AD-ADL5500 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
ADL5902 AD-ADL5902_16 Datasheet
2Mb / 29P
   50 MHz to 9 GHz 65 dB TruPwr Detector
AD8361 AD-AD8361_1 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr??Detector
REV. C
ADL5502 AD-ADL5502_1 Datasheet
1Mb / 28P
   450 MHz to 6000 MHz Crest Factor Detector
REV. A
ADL5902 AD-ADL5902 Datasheet
2Mb / 28P
   50 MHz to 9 GHz 65 dB TruPwr Detector
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com