Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM23-P-8BT Datasheet(PDF) 6 Page - Hirose Electric

Part # TM23-P-8BT
Description  CAT 6 Data Wiring System Connectors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TM23-P-8BT Datasheet(HTML) 6 Page - Hirose Electric

  TM23-P-8BT Datasheet HTML 1Page - Hirose Electric TM23-P-8BT Datasheet HTML 2Page - Hirose Electric TM23-P-8BT Datasheet HTML 3Page - Hirose Electric TM23-P-8BT Datasheet HTML 4Page - Hirose Electric TM23-P-8BT Datasheet HTML 5Page - Hirose Electric TM23-P-8BT Datasheet HTML 6Page - Hirose Electric TM23-P-8BT Datasheet HTML 7Page - Hirose Electric TM23-P-8BT Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TM23 Series
CAT 6 Data Wiring System Connectors
Note: The jack by itself does not clear CAT 6 performance requirements. Compensation on the
board is required to secure CAT 6 performance.
■Jacks
Part Number
CL No.
Color
RoHS
TM23R-5A-88(50)
222-2918-1-50
Black
YES
BOverview
. Unique contact structure designed for crosstalk reduction.
. (Through hole : 3 rows)
. Temporary retention to board with integral flexible posts.
BPCB mounting pattern
1
2
3
4
5
6
7
8
15
Connector front edge
1.016
3.048
5.08
7.112
Recommended board thickness: 1.6mm
8-Ø0.8
2-Ø2.4
15
15
13
Contact No. 8
Contact No. 1
Flexible post
0.43
0.35
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - TM23-P-8BT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM23 HIROSE-TM23 Datasheet
825Kb / 8P
   CAT 6 Data Wiring System Connectors
logo
VBsemi Electronics Co.,...
TM2301FN VBSEMI-TM2301FN Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
TM2301FV VBSEMI-TM2301FV Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
TM2301GN VBSEMI-TM2301GN Datasheet
471Kb / 9P
   P-Channel 20-V (D-S) MOSFET
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
   Digital audio processing circuit
More results

Similar Description - TM23-P-8BT

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM23P-88P HIROSE-TM23P-88P Datasheet
1Mb / 10P
   CAT 6 Data Wiring System Connectors
TM23 HIROSE-TM23 Datasheet
825Kb / 8P
   CAT 6 Data Wiring System Connectors
logo
Omron Electronics LLC
XW6T OMRON-XW6T Datasheet
384Kb / 2P
   XW6T Wiring System Interface
logo
WAGO Kontakttechnik Gmb...
704-3004 WAGO-704-3004 Datasheet
300Kb / 5P
   Interface module for system wiring; for 232 Series Pluggable Connectors
23.11.2021
704-3003 WAGO-704-3003 Datasheet
290Kb / 4P
   Interface module for system wiring; for 232 Series Pluggable Connectors
23.11.2021
logo
Tyco Electronics
1375014-2 MACOM-1375014-2 Datasheet
477Kb / 2P
   PANEL ASSEMBLY, 24 PORT, CAT 6,119, UNIVERSAL WIRING
logo
IOGEAR
GHSP8218E IOGEAR-GHSP8218E Datasheet
151Kb / 2P
   8-Port Cat 5e/6 Splitter wIth HDMI Connectors
logo
Qualtek Electronics Cor...
1226003-01 QUALTEK-1226003-01 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226008-05 QUALTEK-1226008-05 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
1226010-07 QUALTEK-1226010-07 Datasheet
434Kb / 1P
   CAT 6 UTP 8P8C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com