Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF10-WBJ-3S Datasheet(PDF) 2 Page - Hirose Electric

Part # LF10-WBJ-3S
Description  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF10-WBJ-3S Datasheet(HTML) 2 Page - Hirose Electric

  LF10-WBJ-3S Datasheet HTML 1Page - Hirose Electric LF10-WBJ-3S Datasheet HTML 2Page - Hirose Electric LF10-WBJ-3S Datasheet HTML 3Page - Hirose Electric LF10-WBJ-3S Datasheet HTML 4Page - Hirose Electric LF10-WBJ-3S Datasheet HTML 5Page - Hirose Electric LF10-WBJ-3S Datasheet HTML 6Page - Hirose Electric LF10-WBJ-3S Datasheet HTML 7Page - Hirose Electric LF10-WBJ-3S Datasheet HTML 8Page - Hirose Electric LF10-WBJ-3S Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
LF Series
Miniature Waterproof Shielded Connectors
1A DC
Frequency: 10 to 500Hz, single amplitude of 0.75mm,
acceleration of 98 m/s2 for 3 hours in 3 axis.
Acceleration of 490m/s2, 11ms duration,
sine half-wave waveform, 3 cycles in each of the 3 axis.
1000 cycles
Temperature: -55ç
➝ Room temperature ➝ +125ç ➝ Room temperature
Time: 30
➝ 10 to 15 ➝ 30 ➝ 10 to 15 (minutes) 5 cycles
96 hours at temperature of 40ç and humidity of 90% to 95%.
Complete dust protection. No water penetration
when submerged for 48 hours at the depth of 1.8 meter.
No electrical discontinuity for 10μs max.
No electrical discontinuity for 10μs max.
Insulation resistance: 100 Mø min.
Insulation resistance: 110 Mø min. (When temperature high)
Insulation resistance: 100 Mø min. (Dray state)
When mated with corresponding connector.
1000 Mø min.
30 mø max. (3, 6, 12, 20 pos.)
10 mø max. (4 pos.)
10 mø max.(A to D), 30 mø max.(1 to 7)(11pos.)
500V DC (3, 4 pos.)
100V DC (6, 12, 20 pos.)
500V DC (A to D), 100V DC (1 to 7)(11pos.)
No flashover or insulation breakdown.
1250V AC/one minute (3, 4 pos.)
300V AC/one minute (6, 12, 20 pos.)
1250V AC(A to D),300V AC(1 to 7) / one minute(11pos.)
11.Contact resistance
12.Insulation resistance
13.Withstanding voltage
14.Vibration
15.Shock
16.Durability
16.(Mating/un-mating)
17.Temperature cycle
18.Humidity
19.Water / dust protection
15 mø max. (3, 6, 12, 20 pos.)
15 mø max. (4 pos.)
15 mø max. (A to D), 15mø max. (1 to 7)(11 pos.)
Rating
Voltage rating
Current rating
Operating temperature range
Storage temperature range
–25ç to +85ç (Note 1)
–25ç to +85ç (Note 2)
125V AC, 175V DC (3 pos.)
125V AC, 125V DC (4 pos.)
30V AC, 42V DC (6 pos. , 12pos. , 20pos.)
125V AC,
DC (11 pos. A to D)
30V AC, 42V DC (11 pos. 1 to 7)
5A max. (3 pos.)
10A max. (4 pos.)
2A max. (6 pos. , 12pos. , 20pos.)
10A(11 pos. A to D), 2A(11 pos. 1 to 7)
■Product Specifications
Item
Specification
Conditions
Material
Finish / Color
Remarks
––––––––––
UL94V-0
––––––––––
––––––––––
Body / back shell
Insulator
Contacts
Gasket
Zinc alloy
PPS
Copper alloy
Chloroprene rubber
Nickel plated
Black
Gold plated
Black
■Materials / Finish
Note 1: Includes temperature rise caused by the current flow.
Note 2: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating temperature range
and humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
■Ordering Information
Series name
: LF
Shell size
07
10
13
Waterproof
W : Waterproof type
Lock Mechanism
B : Bayonet lock
Connector type
P : Plug
R : Receptacle
J : Jack
Number of contacts
: 3, 4, 6, 11, 12, 20
Contact type
P : Male contact
S : Female contact
--
S
6
P
B
W
07
LF
1
2
3
4
5
6
7
1
2
3
4
5
6
7
Components
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LF10-WBJ-3S

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LF10 CALIBER-LF10 Datasheet
46Kb / 1P
   1.2mm 2 Pin Ceramic Surface Mount Crystal
logo
Tyco Electronics
LF10 MACOM-LF10 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
LF100 MACOM-LF100 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
LF1000C MACOM-LF1000C Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
LEM
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
   Current Transducer LF 1005-S
More results

Similar Description - LF10-WBJ-3S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com