Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR34B-12WPD-10S Datasheet(PDF) 9 Page - Hirose Electric

Part # HR34B-12WPD-10S
Description  Push-on Bayonet Lock Miniature Waterproof Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR34B-12WPD-10S Datasheet(HTML) 9 Page - Hirose Electric

Back Button HR34B-12WPD-10S Datasheet HTML 2Page - Hirose Electric HR34B-12WPD-10S Datasheet HTML 3Page - Hirose Electric HR34B-12WPD-10S Datasheet HTML 4Page - Hirose Electric HR34B-12WPD-10S Datasheet HTML 5Page - Hirose Electric HR34B-12WPD-10S Datasheet HTML 6Page - Hirose Electric HR34B-12WPD-10S Datasheet HTML 7Page - Hirose Electric HR34B-12WPD-10S Datasheet HTML 8Page - Hirose Electric HR34B-12WPD-10S Datasheet HTML 9Page - Hirose Electric HR34B-12WPD-10S Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
HR34B SeriesqPush-on Bayonet Lock Miniature Waterproof Connector
BRecommended panel cutouts
qReceptacle - wire solder
ØE
ØD
A
4-B
qReceptacle - through hole
4-M3∞0.5
(1.3)
(13.4)
(18)
(13.4)
4-(R5.2)
O-ring (Not supplied,
cross-section diameter 1.78 ,
inner diameter 20.35)
Outline of the O-ring
BPCB mounting pattern
qReceptacle - Through hole
2.15
Alignment mark
2.15
2-Ø1.4
(Positioning
post)
Note
3
+0.05
0
4.4
Ø1
(Ground
terminal)
+0.10
A
B
C
D
E
Part Number
HR34B-12WRA-10P
HR34B-12WRB-4P
HR34B-12WRB-4P-X
Recommended O ring dia.
Cross-section
1.5
1.5
diameter
11.5
15.5
HR34B-12WRA-10P
HR34B-12WRB-4P
HR34B-12WRB-4P-X
17.26±0.05
1 0/-0.1
12.5 +0.1/0
17 +0.1/0
18.26±0.05
1.1 0/-0.1
16.3 +0.1/0
20.8 +0.1/0
M3∞0.5
Notes 1: The receptacle panel cutout shows the view from the mating side of the connector.
Note 1: The contact configuration shows the view from the mating side.
Note 2: Tolerance of ±0.05 mm is recommended for the plated through hole location and diameter.
Note 3: Not a plated-through holes.
All dimensions: mm
All dimensions: mm
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - HR34B-12WPD-10S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B-12WPD-10S HIROSE-HR34B-12WPD-10S Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
HR34B-12WPD-10SC HIROSE-HR34B-12WPD-10SC Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
More results

Similar Description - HR34B-12WPD-10S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
   Small, Waterproof, Push-On Bayonet Lock Connectors
ITS-P-09007R HIROSE-ITS-P-09007R Datasheet
100Kb / 1P
   Waterproof Bayonet Lock Connector for Power Supply
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
logo
Visual Communications C...
930 VCC-930 Datasheet
563Kb / 1P
   Miniature Bayonet lampholders
CM49 VCC-CM49 Datasheet
52Kb / 1P
   Miniature Bayonet Base
logo
DDK Ltd.
BMB DDK-BMB Datasheet
392Kb / 2P
   Compact Bayonet Lock Coaxial Connector
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
   Compact Bayonet Lock Coaxial Connector
MBO-PA-001-CF DDK-MBO-PA-001-CF Datasheet
313Kb / 5P
   Bayonet-Lock Type Single-Conductor Optical Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com