Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF10-WBJ-11S Datasheet(PDF) 11 Page - Hirose Electric

Part # LF10-WBJ-11S
Description  Miniature Waterproof Shielded Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

LF10-WBJ-11S Datasheet(HTML) 11 Page - Hirose Electric

Back Button LF10-WBJ-11S Datasheet HTML 3Page - Hirose Electric LF10-WBJ-11S Datasheet HTML 4Page - Hirose Electric LF10-WBJ-11S Datasheet HTML 5Page - Hirose Electric LF10-WBJ-11S Datasheet HTML 6Page - Hirose Electric LF10-WBJ-11S Datasheet HTML 7Page - Hirose Electric LF10-WBJ-11S Datasheet HTML 8Page - Hirose Electric LF10-WBJ-11S Datasheet HTML 9Page - Hirose Electric LF10-WBJ-11S Datasheet HTML 10Page - Hirose Electric LF10-WBJ-11S Datasheet HTML 11Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
LF Series
Miniature Waterproof Shielded Connectors
No.
6
6
6
Remove the connector from the solder
termination fixture, holding it by the locking
collar. Do not pull on the cable.
Tightening collar
Illustration
Operation
Shell size Tightening torque
Wrench width
LF07
LF10
LF13
10mm
0.8N·m~1N·m
0.7N·m~1N·m
1 N·m~1.5 N·m
13mm
16mm
Wrench width
1. To maintain the water/dust protection performance and the cable clamp force, use a cable that is within the range of applicable diameter.
2. Consult HRS representative when using different cables.
■Cable Specifications (Reference)
No. of contact
3 pos.
20 pos.
Soft copper wire
Ø0.16
7 /Ø0.16 mm dia.
AWG #26
0.14
Ø0.48
Ø0.9 (Standard)
0.21
Soft copper wire
80%
Ø5.1
Ø8.7±0.2
Material
Size (mm)
Construction
Size (AWG)
Sectional area
Diameter (mm)
Diameter (mm)
Thickness (mm)
Material
Density
Diameter (mm)
Diameter (mm)
Soft copper wire
Ø0.18
20 /Ø0.18 mm dia.
AWG #20
–––––––
Ø0.98
Ø1.5 (Standard)
0.26
Soft copper wire
85%
Ø3.6
Ø5±0.2
4 pos.
11 pos.
Soft copper wire
Ø0.16
7 /Ø0.16 mm dia.
AWG #26
0.14
Ø0.48
Ø0.95 (Standard)
0.235
6 pos.
Soft copper wire
Ø0.16
7 /Ø0.16 mm dia.
AWG #26
–––––––
Ø0.48
Ø0.88 (Standard)
0.2
Soft copper wire
85%
Ø3.4
Ø5±0.2
12 pos.
Soft copper wire
Ø0.16
7 /Ø0.16 mm dia.
AWG #26
0.14
Ø0.48
Ø0.9 (Standard)
0.21
Soft copper wire
80%
Ø4.2
Ø7.3±0.2
Soft copper wire
Ø0.26
20 /Ø0.26 mm dia.
AWG #16
1.25
Ø1.5
Ø2.1 (Standard)
0.3
Soft copper wire
80%
Ø5.5
Ø7.3±0.2
Soft copper wire
Ø0.26
26 /Ø0.26 mm dia.
AWG #16
1.25
Ø1.5
Ø2.1 (Standard)
0.3
80%
Ø6.7
Ø8.7±0.2
Soft copper wire
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - LF10-WBJ-11S

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LF10 CALIBER-LF10 Datasheet
46Kb / 1P
   1.2mm 2 Pin Ceramic Surface Mount Crystal
logo
Tyco Electronics
LF10 MACOM-LF10 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
LF100 MACOM-LF100 Datasheet
102Kb / 2P
   NEMA Cabinet Legs
LF1000C MACOM-LF1000C Datasheet
102Kb / 2P
   NEMA Cabinet Legs
logo
LEM
LF1005-S LEM-LF1005-S Datasheet
43Kb / 2P
   Current Transducer LF 1005-S
More results

Similar Description - LF10-WBJ-11S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com