Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT1006 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCLT1006
Description  Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1006 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCLT1006 Datasheet HTML 1Page - Vishay Siliconix TCLT1006 Datasheet HTML 2Page - Vishay Siliconix TCLT1006 Datasheet HTML 3Page - Vishay Siliconix TCLT1006 Datasheet HTML 4Page - Vishay Siliconix TCLT1006 Datasheet HTML 5Page - Vishay Siliconix TCLT1006 Datasheet HTML 6Page - Vishay Siliconix TCLT1006 Datasheet HTML 7Page - Vishay Siliconix TCLT1006 Datasheet HTML 8Page - Vishay Siliconix TCLT1006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: optocoupler.answers@vishay.com
Document Number: 83515
4
Rev. 2.2, 21-Nov-07
TCLT10..Series
Vishay Semiconductors
Optocoupler, Phototransistor Output,
SOP-4L, Long Mini-Flat Package
Fig. 1 - Derating Diagram
Fig. 2 - Test Pulse Diagram for Sample Test according to
DIN EN 60747-5-2 (VDE 0884)/DIN EN 60747-; IEC60747
Fig. 3 - Test Circuit, Non-Saturated Operation
Fig. 4 - Test Circuit, Saturated Operation
0
25
50
75
125
0
50
100
150
200
300
T
si - Safety Temperature (°C)
150
94 9182
100
250
Phototransistor
P
si (mW)
IR-Diode
I
si (mA)
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
td
3µs
Rise time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
tr
3µs
Fall time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
tf
4.7
µs
Storage time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
ton
6µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω,
(see figure 3)
toff
5µs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kΩ,
(see figure 4)
ton
9µs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 kΩ,
(see figure 4)
toff
10
µs
Channel I
Channel II
95 10804
RG = 50
tp
tp = 50 µs
T
= 0.01
+ 5 V
IF
0
50
100
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL = 1 M
CL = 20 pF
Channel I
Channel II
95 10843
RG = 50 Ω
tp
tp = 50 µs
T
= 0.01
+ 5 V
IC
IF
0
50
Ω
1 k
Ω
IF = 10 mA
Oscilloscope
RL
CL
20 pF
1 M
Ω


Similar Part No. - TCLT1006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1006 VISHAY-TCLT1006 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1006 VISHAY-TCLT1006 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1006 VISHAY-TCLT1006 Datasheet
344Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1006 VISHAY-TCLT1006 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
More results

Similar Description - TCLT1006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLT1600 VISHAY-TCLT1600_15 Datasheet
150Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
Rev. 2.5, 13-Oct-15
TCLT100 VISHAY-TCLT100_V01 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
TCLT1600 VISHAY-TCLT1600_V01 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLT1600 VISHAY-TCLT1600_V02 Datasheet
148Kb / 7P
   Optocoupler, Phototransistor Output, AC Input, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLD1000 VISHAY-TCLD1000_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
TCLD1000 VISHAY-TCLD1000_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
01-Jan-2022
TCLD1000 VISHAY-TCLD1000_08 Datasheet
139Kb / 7P
   Optocoupler, Photodarlington Output, SOP-4L, Long Mini-Flat Package
Rev. 1.8, 09-Jan-08
TCLT11 VISHAY-TCLT11 Datasheet
205Kb / 9P
   Optocoupler, Phototransistor Output, SOP-6L5, Half Pitch, Long Mini-Flat Package
Rev. 1.8, 03-Dec-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com