Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR34B-SC1-211 Datasheet(PDF) 6 Page - Hirose Electric

Part # HR34B-SC1-211
Description  Push-on Bayonet Lock Miniature Waterproof Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR34B-SC1-211 Datasheet(HTML) 6 Page - Hirose Electric

Back Button HR34B-SC1-211 Datasheet HTML 2Page - Hirose Electric HR34B-SC1-211 Datasheet HTML 3Page - Hirose Electric HR34B-SC1-211 Datasheet HTML 4Page - Hirose Electric HR34B-SC1-211 Datasheet HTML 5Page - Hirose Electric HR34B-SC1-211 Datasheet HTML 6Page - Hirose Electric HR34B-SC1-211 Datasheet HTML 7Page - Hirose Electric HR34B-SC1-211 Datasheet HTML 8Page - Hirose Electric HR34B-SC1-211 Datasheet HTML 9Page - Hirose Electric HR34B-SC1-211 Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
HR34B SeriesqPush-on Bayonet Lock Miniature Waterproof Connector
sReceptacles
xWire solder
1
3
4
7
8
10
A
B
4-Ø3.2
3.3
5.8
8.55
20
4-Ø3.2
13.4
2
Part Number
HR34B-12WRA-10P
HR34B-12WRB-4P
HR34B-12WRB-4P-X
O ring for water proof is not attached. Please find appropriate one from the market.
O ring for water proof is not attached. Please find appropriate one from the market.
HRS No.
A
B
134-0016-6-00
134-0021-6-00
134-0024-4-00
Solder cup inner diameter
All dimensions: mm
Ø1
Ø1.3
Part Number
HR34B-12WR-10PD(71)
HRS No.
134-0003-4-71
xThrough hole
17.26
18.26
23.4
25.4
sCrimp contacts
xFemale
15
Part Number
Packaging
HR34B-SC1-111
HR34B-SC1-211
100 pcs. per bag
10,000 pcs. per reel
Note: Use wire with a jacket diameter of 1.7mm max.
CL No.
134-0051-7-00
134-0050-1-00
Applicable conductor
AWG #20 - 25
(Stranded wire)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - HR34B-SC1-211

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B-SC1-211 HIROSE-HR34B-SC1-211 Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
More results

Similar Description - HR34B-SC1-211

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
HR08D HIROSE-HR08D Datasheet
497Kb / 6P
   Small, Waterproof, Push-On Bayonet Lock Connectors
ITS-P-09007R HIROSE-ITS-P-09007R Datasheet
100Kb / 1P
   Waterproof Bayonet Lock Connector for Power Supply
PL75 HIROSE-PL75 Datasheet
147Kb / 3P
   Ultra- Miniature Push-on Lock Coaxial Connectors
PL71 HIROSE-PL71 Datasheet
1Mb / 3P
   75 OHM SUB-MINIATURE PUSH-ON LOCK COAXIAL CONNECTORS
logo
Visual Communications C...
930 VCC-930 Datasheet
563Kb / 1P
   Miniature Bayonet lampholders
CM49 VCC-CM49 Datasheet
52Kb / 1P
   Miniature Bayonet Base
logo
DDK Ltd.
BMB DDK-BMB Datasheet
392Kb / 2P
   Compact Bayonet Lock Coaxial Connector
BM1-SP-1.5D-CR1 DDK-BM1-SP-1.5D-CR1 Datasheet
534Kb / 2P
   Compact Bayonet Lock Coaxial Connector
MBO-PA-001-CF DDK-MBO-PA-001-CF Datasheet
313Kb / 5P
   Bayonet-Lock Type Single-Conductor Optical Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com