Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK5P53D Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TK5P53D
Description  Switching Regulator Applicatieons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TK5P53D Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TK5P53D Datasheet HTML 1Page - Toshiba Semiconductor TK5P53D Datasheet HTML 2Page - Toshiba Semiconductor TK5P53D Datasheet HTML 3Page - Toshiba Semiconductor TK5P53D Datasheet HTML 4Page - Toshiba Semiconductor TK5P53D Datasheet HTML 5Page - Toshiba Semiconductor TK5P53D Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TK5P53D
2010-01-20
3
0.1
0.1
1
100
1
10
10
100
0.1
10
0.1
1
25
100
Tc
= −55 °C
100
1
10
0
8
12
16
20
0
ID = 5 A
4
8
12
16
20
1.3
2.5
4
10
0
2
4
6
8
Tc
= −55 °C
25
100
10
8
6
4
0
2
10
8
6
4
0
0
20
40
50
VGS = 5.5V
7.5
10
8
30
10
7
6.5
6
2
5
4
2
1
0
0
2
4
6
8
10
VGS = 5 V
5.5
6
6.5
7
8
10
3
Common source
Tc
= 25°C
Pulse Test
ID – VDS
ID – VDS
ID – VGS
VDS – VGS
Common source
Tc
= 25°C
Pulse Test
|Yfs| – ID
RDS (ON) – ID
Drain-source voltage VDS
(V)
Drain-source voltage VDS
(V)
Gate-source voltage VGS
(V)
Gate-source voltage VGS
(V)
Drain current ID (A)
Drain current ID (A)
Common source
Tc
= 25°C
Pulse Test
Common source
VGS = 10 V
Tc
= 25°C
Pulse Test
Common source
VDS = 20 V
Pulse Test
Common source
VDS = 20 V
Pulse Test


Similar Part No. - TK5P53D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TK5P53D TOSHIBA-TK5P53D Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
TK5P53D ISC-TK5P53D Datasheet
304Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Similar Description - TK5P53D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Texas Instruments
PT7778-3.3V TI1-PT7778-3.3V Datasheet
183Kb / 4P
[Old version datasheet]   Switching Regulator
logo
National Semiconductor ...
LM1578A NSC-LM1578A Datasheet
1Mb / 18P
   Switching Regulator
logo
Sanyo Semicon Device
LA5757TP SANYO-LA5757TP Datasheet
78Kb / 6P
   Switching Regulator
logo
National Semiconductor ...
LM3578A NSC-LM3578A Datasheet
1Mb / 20P
   Switching Regulator
logo
Sanyo Semicon Device
LA5756 SANYO-LA5756 Datasheet
125Kb / 4P
   Switching Regulator
logo
ON Semiconductor
CS5111 ONSEMI-CS5111 Datasheet
112Kb / 16P
   Switching Regulator
January, 2001 ??Rev. 9
logo
National Semiconductor ...
LM2579 NSC-LM2579 Datasheet
540Kb / 13P
   SWITCHING REGULATOR
logo
Texas Instruments
LM2578A TI1-LM2578A Datasheet
1Mb / 30P
[Old version datasheet]   Switching Regulator
logo
ON Semiconductor
LA5774MC ONSEMI-LA5774MC Datasheet
313Kb / 6P
   Switching Regulator
May,2013
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com