Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR30-6PA-3S Datasheet(PDF) 7 Page - Hirose Electric

Part # HR30-6PA-3S
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6PA-3S Datasheet(HTML) 7 Page - Hirose Electric

Back Button HR30-6PA-3S Datasheet HTML 3Page - Hirose Electric HR30-6PA-3S Datasheet HTML 4Page - Hirose Electric HR30-6PA-3S Datasheet HTML 5Page - Hirose Electric HR30-6PA-3S Datasheet HTML 6Page - Hirose Electric HR30-6PA-3S Datasheet HTML 7Page - Hirose Electric HR30-6PA-3S Datasheet HTML 8Page - Hirose Electric HR30-6PA-3S Datasheet HTML 9Page - Hirose Electric HR30-6PA-3S Datasheet HTML 10Page - Hirose Electric HR30-6PA-3S Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Note : Use wire size AWG 26 to 30 with a jacket diameter of 1 mm max.
sCrimp Contacts
BConnecting Combinations
11
1.2
A-A cross-section
A
A
11
1.2
A
A
A-A cross-section
Plugs
HR30-*P-**(71)
Caps for Plug
HR30-*P-C(71)
Receptacles
HR30-*R-**(71)
Jacks
HR30-*J-**(71)
Caps for Receptacle
HR30-*R-C(71)
Cable
(Shown for reference only.)
Cap
Cap
Panel
(Shown for reference only.)
Male contact
Female contact
CL No.
Part Number
Packaging type
Weight
RoHS
130-0022-3
130-0016-0
HR30-PC-111
HR30-PC-211
100pcs/bag
10,000pcs/reel
0.03g/1per pin
0.03g/1per pin
YES
Note 1 : When selecting connectors, take into account the shell size, contact count and gender of the contacts.
Note 2 : When using the protective caps for the receptacles, do not use the gaskets normally supplied with the receptacle. Protective caps must
be fully inserted to assure specified IP67 water and dust protection.
CL No.
Part Number
Packaging type
Weight
RoHS
130-0023-6
130-0017-3
HR30-SC-111
HR30-SC-211
100pcs/bag
10,000pcs/reel
0.03g/1 pin
0.03g/1 pin
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR30-6PA-3S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6PA-3S HIROSE-HR30-6PA-3S Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-6PA-3S ETC2-HR30-6PA-3S Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-3S HIROSE-HR30-6PA-3S Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-3SC HIROSE-HR30-6PA-3SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6PA-3SD HIROSE-HR30-6PA-3SD Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6PA-3S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com