Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR30-6P-10S Datasheet(PDF) 4 Page - Hirose Electric

Part # HR30-6P-10S
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6P-10S Datasheet(HTML) 4 Page - Hirose Electric

  HR30-6P-10S Datasheet HTML 1Page - Hirose Electric HR30-6P-10S Datasheet HTML 2Page - Hirose Electric HR30-6P-10S Datasheet HTML 3Page - Hirose Electric HR30-6P-10S Datasheet HTML 4Page - Hirose Electric HR30-6P-10S Datasheet HTML 5Page - Hirose Electric HR30-6P-10S Datasheet HTML 6Page - Hirose Electric HR30-6P-10S Datasheet HTML 7Page - Hirose Electric HR30-6P-10S Datasheet HTML 8Page - Hirose Electric HR30-6P-10S Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
sReceptacles
qSolder Type
Gasket
B
A
E(Thread)
F(Hex nut)
Lock washer
1
2
3
4
5
6
HR30-6R-6P (Shown)
16
18.4
Part Number
HR30-6R-3P(71)
HR30-6R-6P(71)
HR30-6R-6S(71)
HR30-7R-12P(71)
HR30-8R-12S(71)
CL No.
Weight
RoHS
130-1003-4-71
130-1009-0-71
130-1008-8-71
130-1016-6-71
130-1018-1-71
3.4g
A
18.6
B
8.3
9.3
C
12
8.9
15
11.5
M8∞0.75
M11∞1
10
13
D
E
F
Solder pot inner diameter
1.1mm
0.8mm
0.6mm
qThrough hole Type
HR30-8R-12SD (Shown)
14.9
15.2
16
Part Number
HR30-6R-6PD(71)
HR30-6R-6SD(71)
HR30-7R-12PD(71)
HR30-8R-12SD(71)
CL No.
Weight
RoHS
130-1020-3-71
130-1021-6-71
130-1017-9-71
130-1019-4-71
2g
YES
3.4g
A
B
8.3
9.3
C
12
15
8.9
11.5
M8∞0.75
M11∞1
10
13
D
E
F
A
B
2
Through hole post
(0.2∞0.5)
E
F(Hex nut)
Gasket
Lock washer
qCrimp Type
15.5
9.3
Gasket
M11X1(Thread)
13(Hex nut)
Lock washer
HR30-7R-12PC (Shown)
Part Number
HR30-7R-10PC(71)
HR30-7R-12PC(71)
HR30-8R-12SC(71)
CL No.
130-1012-5-71
130-1013-8-71
130-1014-0-71
Weight
RoHS
Crimp contact
HR30-PC-211
HR30-SC-211
3g
YES
2g
YES
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
Shown with terminated and installed contacts.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR30-6P-10S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6P-10S HIROSE-HR30-6P-10S Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6P-10SC HIROSE-HR30-6P-10SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6P-10SD HIROSE-HR30-6P-10SD Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6P-10S

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com