Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR30-6PA-3P Datasheet(PDF) 9 Page - Hirose Electric

Part # HR30-6PA-3P
Description  Miniature Waterproof Plastic Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HR30-6PA-3P Datasheet(HTML) 9 Page - Hirose Electric

Back Button HR30-6PA-3P Datasheet HTML 4Page - Hirose Electric HR30-6PA-3P Datasheet HTML 5Page - Hirose Electric HR30-6PA-3P Datasheet HTML 6Page - Hirose Electric HR30-6PA-3P Datasheet HTML 7Page - Hirose Electric HR30-6PA-3P Datasheet HTML 8Page - Hirose Electric HR30-6PA-3P Datasheet HTML 9Page - Hirose Electric HR30-6PA-3P Datasheet HTML 10Page - Hirose Electric HR30-6PA-3P Datasheet HTML 11Page - Hirose Electric HR30-6PA-3P Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
sApplicable Tools
BContact Position Arrangement
BPanel Cutout
Notes 1.The contact configuration depicts a view from the wiring side.
2. Mounting to the panel is accomplished by tightening the hexagonal nut from the rear side of the panel.
1
2
3
1
2
34
5
6
6
1
2
3
4
5
12
4567
89
10
12
11
3
1
2
4
5
6
7
8
9
10
12 11
3
1
2
3
4
5
6
7
8
9
10
HR30-7P-10SC(71)
HR30-7P-12SC(71)
HR30-8P-12PC(71)
HR30-6P-6P(71)
HR30-6P-6S(71)
HR30-6P-3S(71)
Alignment mark
Alignment mark
A
+0.05
0
ØC
+0.05
0
Manual contact crimping tool HT-102/HR30-1
Automatic contact crimping machine CM-105
Contact extraction tool HR30-TP
Type
Description
Part Number
CL No.
Applicable contact
Applicable wire
Manual
Automatic
Extraction tool
Manual crimping tool
Automatic crimping machine
Applicator
HT-102/HR30-1
CM-105
AP105-HR30-1
HR30-TP
150-0229-6
901-0005-4
901-2015-9
150-0219-2
HR30-SC-111
HR30-PC-111
----------
HR30-SC-211
HR30-PC-211
HR30-SC-111
HR30-SC-211
HR30-PC-111
HR30-PC-211
AWG
#26~#30
----------
AWG
#26~#30
----------
----------
A
B
C
D
Panel Thishness
3,6 pos
10,12 pos
1.25
1.35
6.45
9.25
8.05
11.05
3.95
5.45
0.7
~2
0.7
~3
BReceptacle, Board Mounting Through Hole Pattern
Notes 1.The receptacle through hole configuration depicts a view from the mating side of the connector.
2.The recommended board maximum thickness :1.2 mm.
3.Tolerance of +0.03 mm is recommended for the plated through hole location.
Tolerance of +0.02 mm is recommended for the plated through hole diameter.
7R-12PD
8R-12SD
1.44
1.44
0.72
0.72
12-Ø0.65
2.16
2.16
12
11
10
8
74
31
6R-6SD
1
5
42
6
3
0.9
0.9
1.52
1.52
6-
Ø0.65
6R-6PD
0.9
0.9
1.8 1.8
6-
Ø0.65
1
2
3
4
5
6
0.9
0.9
1.44
1.44
0.72
0.72
12-Ø0.65
2.16
2.16
11
12
810
47
13
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - HR30-6PA-3P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30-6PA-3P HIROSE-HR30-6PA-3P Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6PA-3PC HIROSE-HR30-6PA-3PC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
HR30-6PA-3PD HIROSE-HR30-6PA-3PD Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
More results

Similar Description - HR30-6PA-3P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
LF07WBP-6S ETC2-LF07WBP-6S Datasheet
474Kb / 16P
   Miniature Waterproof Shielded Connectors
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com