Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF11-4DP-2DSA Datasheet(PDF) 11 Page - Hirose Electric

Part # DF11-4DP-2DSA
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-4DP-2DSA Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF11-4DP-2DSA Datasheet HTML 6Page - Hirose Electric DF11-4DP-2DSA Datasheet HTML 7Page - Hirose Electric DF11-4DP-2DSA Datasheet HTML 8Page - Hirose Electric DF11-4DP-2DSA Datasheet HTML 9Page - Hirose Electric DF11-4DP-2DSA Datasheet HTML 10Page - Hirose Electric DF11-4DP-2DSA Datasheet HTML 11Page - Hirose Electric DF11-4DP-2DSA Datasheet HTML 12Page - Hirose Electric DF11-4DP-2DSA Datasheet HTML 13Page - Hirose Electric DF11-4DP-2DSA Datasheet HTML 14Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
B230
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
sCrimping Contact for Socket
qApplicable Wire (Tin Plated Annealed
Copper Wire)
AWG 22 (17pcs./0.16mm)
AWG 24 (11pcs./0.16mm)
AWG 26 (7pcs./0.16mm)
AWG 28 (7pcs./0.127mm)
AWG 30 (7pcs./0.1mm)
Ø1.2 to Ø1.45mm
Ø0.9 to Ø1.45mm
Ø0.75 to Ø1.2mm
Jacket Diameter
Conductor Size (Wire Structure)
sCrimping Contact for In-line Plug
Note1: If other wires are used than the applicable wire, consult the HRS sales department.
Note2: DF11-22SCF/SC/SCFA/SCA is for UL1061.
qRecommended Wire
UL1061, UL1007 (Note 2.)
qStrip Length
1.7 to 2.3mm
Note1: DF11A-2428SCF/SC is of tin plated low insertion/extraction type.
Part Number
CL No.
DF11-22SCF
DF11-22SC
DF11-2428SCF
DF11-2428SC
DF11A-2428SCF
DF11A-2428SC
DF11-30SCF
DF11-30SC
DF11-22SCFA(04)
DF11-22SCA
DF11-2428SCFA(04)
DF11-2428SCA
DF11-30SCFA(04)
DF11-30SCA
543-0601-0
543-0602-2
543-0500-2
543-0501-5
543-0634-9
543-0635-1
543-0605-0
543-0606-3
543-0603-5-04
543-0604-8
543-0550-0-04
543-0551-3
543-0607-6-04
543-0608-9
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
Reel contact
Bulk contact
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
Type
Quantity
Tin plated
Gold plated
YES
Finish
RoHS
Part Number
CL No.
DF11EP2428PCF
DF11EP2428PC
DF11EP2428PCFA
DF11-EP2428PCA
543-0615-4
543-0616-7
543-0617-0
543-0618-2
Reel contact
Bulk contact
Reel contact
Bulk contact
10000 pcs.
per reel
100 pcs.
per bag
10000 pcs.
per reel
100 pcs.
per bag
Type
Quantity
Tin plated
Gold plated
YES
Finish
RoHS
qApplicable Wire (Tin Plated Annealed
Copper Wire)
AWG 24 (11pcs./0.16mm)
AWG 26 (7pcs./0.16mm)
AWG 28 (7pcs./0.127mm)
Ø0.9 to Ø1.45mm
Jacket Diameter
Conductor Size (Contact Wire Structure)
Note1: If other wires are used than the applicable wire, consult the HRS sales department.
qRecommended Wire
UL1061, UL1007
qStrip Length
1.9 to 2.3mm
Note: If any trouble has occurred due to tools other than the designated tool, Hirose bears
no respoisibility for any trouble.
BApplicable Crimping Tool
Part Number
Type
CL No.
AP105-DF11-22S
AP105-DF11-2428S
AP105-DF11-30S
AP105-DF11-EP2428P
CM-105
DF11-TA22HC
DF11-TA2428HC
DF11-TA30HC
DF11EP-TA2428HC
DF-C-PO(B)
Applicator
Press Unit
Hand Crimping Tool
Extraction Tool
901-4529-7
901-4511-1
901-4532-1
901-4528-4
901-0005-4
550-0228-6
550-0197-4
550-0230-8
550-0227-3
550-0179-2
DF11A-22SCF/SCFA(04)
DF11A-2428SCF/SCFA(04)
DF11A-2428SCF
DF11A-30SCF/SCFA(04)
DF11A-EP2428PCF/PCFA
–––––––––––––––––––
DF11A-22SC/SCA
DF11A-2428SC/SCA
DF11A-2428SC
DF11A-30SC/SCA
DF11A-EP2428PC/PCA
DF11A-****SCF
DF11A-EP****PCF
Applicable Contact
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF11-4DP-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF11-4DP-2DSA HIROSE-DF11-4DP-2DSA Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DP-2DSA HIROSE-DF11-4DP-2DSA Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-4DP-2DSA ETC2-DF11-4DP-2DSA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results

Similar Description - DF11-4DP-2DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
DF2-2P-2.5C HIROSE-DF2-2P-2.5C Datasheet
140Kb / 4P
   2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com