Electronic Components Datasheet Search |
|
DF22BR-5S-7.92C Datasheet(PDF) 2 Page - Hirose Electric |
|
DF22BR-5S-7.92C Datasheet(HTML) 2 Page - Hirose Electric |
2 / 16 page B108 DF22 Series ●7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TÜV Listed) ■Product Specifications Ratings Current rating Voltage rating Specification UL/C-UL TÜV AC/DC 1000V AC/DC 600V AC/DC 600V Number of contacts 1 2 3 4 5 AWG10 30A 25A 25A 22A 22A AWG12 25A 20A 20A 18A 18A AWG14 20A 18A 18A 15A 15A AWG16 15A 15A 15A 13A 13A Operating temperature range Operating humidity range Storage temperature range Storage humidity range UL/C-UL/TÜV File No. and Recognition No. UL : E52653 C-UL : E52653 TÜV : R9950703 -35ç to 85ç (Note 1) 20% to 80% -10ç to 60ç (Note 2) 40% to 70% (Note 2) 20mV max., 1mA 1000 V DC 2500 V AC for 1 minute Measured with a steel pin of 1.6 x 0.8 ± 0.002 thickness 30 cycles Frequency 10 to 55 Hz, single amplitude of 0.75 mm, 3 axis, duration of 2 hours Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. Temperature 40ç± 2ç, 90% to 95% RH, 96 hours (-55ç: 30 minutes ➝ 5 to 35ç: 5 minutes➝85ç: 30 minutes➝5 to 35ç: 5 minutes) for 5 cycles Contact resistance(Initial value): 5 m ohms max. 1000 M ohms min. No flashover or Insulator breakdown 0.3N min., 5N max. Contact resistance of 10 m ohms max. No electrical discontinuity of 1 μs. min. No electrical discontinuity of 1 μs. min. Contact resistance 10 m ohms max. Contact resistance of 10 m ohms max. No deformation of the insulator parts affecting performance 1. Contact resistance 2. Insulator resistance 3. Withstanding voltage 4. Insertion-Extraction force (per contact) 5. Durability (mating/unmating) 6. Vibration 7. Shock 8. Humidity 9. Temperature cycle 10. Resistance to Soldering heat Item Specification Condition ■Ordering Information DF22 B L - 2 S - 7.92 C 1 4 3 6 2 5 7 Number of contacts : 1 to 5 Contact pitch : 7.92 mm Type of housing C : Crimp housing DSA : Straight header DS : Right-angle header No letter : Retainer Connector type S : Socket DS : Double-row socket P : Header EP : In-line plug DEP : Double-row in-line plug RS/P : Retainer Series name: DF22 Guide key type Blank : Inside (Color: natural) R : Right side (Color: black) L : Left side (Color: red) Form Type Sockets Blank : Standard height, standard lock (Type I) B: Long type, standard lock (Type III) C: Long type, ergonomic lock (Type IV) In-line Plugs Blank : With panel stop A : Without panel stop Applicable Cable Blank : UL1430 A : UL1015 Applicable Conductor 1416 : AWG 14 to AWG 16 1012 : AWG 10 to AWG 12 Packaging SCF : Socket contacts / Reel SC : Socket contacts / Bag PCF : In-line plug contacts / Reel PC : In-line plug contacts / Bag 1 4 5 6 7 8 9 10 2 3 Note 1: Current rating of header is 30A (1 pos.) and 25A (2 to 5 pos.) Note 2: Includes temperature rise caused by the current flow. Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation. Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a specific part number shown. Note : Standard Color, colors of the differing coupling forms are black for DF22R and red for DF22L. ■Materials Remarks UL94V-0 ---------- UL94V-0 ---------- Product Part Material Finish Sockets Crimp contacts Headers Insulator Contacts Insulator Contacts Polyamide High conductivity copper alloy Polyamide (Glass reinforced) High conductivity copper alloy Color: Natural white (Note) Tin-lead plated Color: Natural beige (Note) Tin-copper plated ●Socket, Header DF22 A - 1416 SCF 1 9 8 10 ●Contacts Flow solder temperature 250ç, for 10 seconds Manual soldering: Soldering iron temperature 300ç, 3 seconds The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - DF22BR-5S-7.92C |
|
Similar Description - DF22BR-5S-7.92C |