Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0-273-141-043 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 0-273-141-043
Description  Digital, triaxial acceleration sensor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0-273-141-043 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 0-273-141-043 Datasheet HTML 20Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 21Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 22Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 23Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 24Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 25Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 26Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 27Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 24
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Synchronization of read-out sequence has several advantages:
− it enables a constant phase shift between acceleration conversion and its corresponding
digital value read by microprocessor
− it reduces interface communication by avoiding over-sampling.
− potential noise due to serial interface activity perturbation would always be generated
during a less critical phase of the conversion cycle. The maximum delay advised to start
read out acceleration data is 20µs after INT high (window 0 - 80µs).
3.5.3 New_data_x, new_data_y, new_data_z
These bits (New_data_x (02h, 0), new_data_y (04h, 0), new_data_z (06h, 0)) are flags which
are turned at 1 when acceleration registers have been updated. Reading acceleration data MSB
or LSB registers turns the flags at 0. The flag value can be read by microprocessor.
3.5.4 Al_version, ml_version, chip_id
al_version (address 01h, bit 7-4) and ml_version (address 01h, bit 3-0) are used to identify the
chip revision. These codes are programmed with metal layer.
chip_id (address 00h, bit 2-0) is used by customer to be able to recognize BMA150. This code is
fixed to 010b.


Similar Part No. - 0-273-141-043

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-2 TEC-0-2 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2030791-6 TEC-0-2030791-6 Datasheet
206Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2042986-1 TEC-0-2042986-1 Datasheet
128Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2112295-1 TEC-0-2112295-1 Datasheet
224Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2112297-1 TEC-0-2112297-1 Datasheet
224Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-273-141-043

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
   Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA250E ETC2-BMA250E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com