Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0-273-141-043 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # 0-273-141-043
Description  Digital, triaxial acceleration sensor
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

0-273-141-043 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button 0-273-141-043 Datasheet HTML 47Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 48Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 49Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 50Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 51Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 52Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 53Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 54Page - List of Unclassifed Manufacturers 0-273-141-043 Datasheet HTML 55Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Data sheet
BMA150
Triaxial, digital acceleration sensor
Bosch Sensortec
Rev. 1.5
Page 52
30 May 2008
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such
as copying and passing on to third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
time
|a|
Freefall threshold
Evaluation duration
INT
low
high
Latched INT
High-g threshold
acceleration
Hysteresis
Reset INT
Figure 30: Explanation of freefall and high-g detection. Please see explanation within the text.
9.3 Any motion detection
The “any motion algorithm” can be used to detect changes of the acceleration. Thus it provides
a relative evaluation of the acceleration signals. The criterion is kind of a gradient threshold of
the acceleration over time. Thus one can distinguish between fast events with strong inertial
dynamic (e.g. shock), instant changes of force balance (e.g. drop, tumbling) and even slight
changes (e.g. touch of a mobile device).
Due to a high bandwidth and a fast response MEMS device the BMA150 is capable to detect
shock situations. The “any motion interrupt” or a high-g criterion setting can be used to give a
shock alert. The phase shift between onset of mechanical shock and interrupt output is defined
by the mechanical transfer function of the chassis and internal mounting interfaces (e.g. PDA
shell) and the data output rate of the sensor IC (currently 330µsec, 100µsec under
consideration).
See also section 3.2.9.
9.4 Alert Mode
Using the BMA150 it is possible to combine the “any motion criterion” with low-g and high-g
interrupt logic to improve the reaction time for e.g. free-fall identification.
See also sections 3.2.9 and 3.4.2.


Similar Part No. - 0-273-141-043

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
0-2 TEC-0-2 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2030791-6 TEC-0-2030791-6 Datasheet
206Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2042986-1 TEC-0-2042986-1 Datasheet
128Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2112295-1 TEC-0-2112295-1 Datasheet
224Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
0-2112297-1 TEC-0-2112297-1 Datasheet
224Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 0-273-141-043

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
BMA180 BOSCH-BMA180 Datasheet
194Kb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA220 ETC2-BMA220 Datasheet
2Mb / 63P
   Digital, triaxial acceleration sensor
BMA222E ETC2-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA250 ETC2-BMA250 Datasheet
1Mb / 74P
   Digital, triaxial acceleration sensor
logo
Bosch Sensortec GmbH
BMA220 BOSCH-BMA220 Datasheet
1Mb / 60P
   Digital, triaxial acceleration sensor
BMA280 BOSCH-BMA280 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA222E BOSCH-BMA222E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA253 BOSCH-BMA253 Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
BMA120 BOSCH-BMA120 Datasheet
1Mb / 2P
   Digital, triaxial acceleration sensor
logo
List of Unclassifed Man...
BMA250E ETC2-BMA250E Datasheet
2Mb / 119P
   Digital, triaxial acceleration sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com