Electronic Components Datasheet Search |
|
AP4C600SZBE Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
AP4C600SZBE Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 6 page Specifications and dimensions subject to change www.ck-components.com Features/Benefits • IP67 sealed • 1,000,000 life cycle • Illumination / non-illumination • Multiple colored caps • Threaded or snap-in mounting • SPST, normally open • Caps available separately • RoHS compliant Typical Applications • Harsh environments • Off-Road • Industrial • Medical • Transportation • Joystick control modules • Gaming • Military Specifications FUNCTION: SPST Momentary, double break CONTACT ARRANGEMENT: N.O. MOUNTING TYPE: Snap-in (panel front) or threaded (nut with locking washer and panel gasket) Mechanical TOTAL TRAVEL: 2.1 ± 0.2 mm OPERATING POINT 1.55 ± 0.25 mm OVER TRAVEL: 0.6 ± 0.2 mm OPERATING FORCE: 4N ± 0.5N standard configuration; other force option 2N ± 0.5N VIBRATION: 10-500 Hz 10g Max SHOCK: 60g 11ms sawtooth wave Electrical CONTACT RATING: 200mA @ 24 V DC resistive 100mA @ 50 V DC resistive 400mA @ 32 V AC resistive 125mA @ 125 V AC resistive DIELECTRIC STRENGTH: 1000 V AC min. INSULATION RESISTANCE: 1 G Ω @ 500 VDC INITIAL CONTACT RESISTANCE 50 m Ω max (without wire leads) BOUNCE TIME: <5 ms Materials HOUSING: PBT BASE: PBT CAP: PBT ACTUATOR: Illuminated: Clear polycarbonate Non-illuminated: PBT INTERNAL SEAL: Silicone rubber TERMINALS: Copper alloy, gold over silver plating MOVABLE CONTACT: Copper alloy, gold over silver plating TERMINAL SEAL: Epoxy Operating Environment OPERATING TEMPERATURE: -40˚C to 85˚C (+105˚C non-illuminated) OPERATING LIFE: 1,000,000 cycles Process Environment SEALING: IP67 NOTE: Specifications and materials listed above are for switches with standard options. For information on specific and custom switches, please contact Customer Service. Build-A-Switch To order, simply select desired option from each category and place in the appropriate box. Designation AP AP Series B E P A A–3 A AP Series Industrial Pushbutton Switch Operating Force 2 2 Newtons 4 4 Newtons Actuator Style D Dome / Convex C Concave E Extended Dome N None Actuator Color 0 No Cap 2 Black 3 Red 4 Orange 5 Yellow 6 Green Illumination 00 No LED* 01 Super White 02 Bi-color; Red (Green) 03 Red 05 Amber 06 Green 07 Super Blue 08 Bi-color; Amber (Green) * No LED available in short body only Contact Material B Gold Terminal Seal E Epoxy All models are epoxy sealed Termination Z Solder Lug W 12” Wire Leads 22 AWG C**** PC Terminals Bushing Style** S Snap-in plastic T*** Threaded plastic ** Metal threaded bushing available, contact Customer Service *** T bushing style includes: 1 lockwasher, 1 hex nut & 1 panel seal washer **** Illumination not available with PC Terminals Contact Customer Service for additional hardware options. NEW! Please contact Customer Service for additional colors and paint / laser etched button options. |
Similar Part No. - AP4C600SZBE |
|
Similar Description - AP4C600SZBE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |