Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5317C-C-GM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si5317C-C-GM
Description  Pin-Controlled 1_710 MHz Jitter Cleaning Clock
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5317C-C-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si5317C-C-GM Datasheet HTML 5Page - Silicon Laboratories Si5317C-C-GM Datasheet HTML 6Page - Silicon Laboratories Si5317C-C-GM Datasheet HTML 7Page - Silicon Laboratories Si5317C-C-GM Datasheet HTML 8Page - Silicon Laboratories Si5317C-C-GM Datasheet HTML 9Page - Silicon Laboratories Si5317C-C-GM Datasheet HTML 10Page - Silicon Laboratories Si5317C-C-GM Datasheet HTML 11Page - Silicon Laboratories Si5317C-C-GM Datasheet HTML 12Page - Silicon Laboratories Si5317C-C-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
Si5317
Preliminary Rev. 0.15
9
1.1. Three-Level (3L) Input Pins (No External Resistors)
Figure 3. Three Level Input Pins
1.2. Three-Level Input Pins (with External Resistors)
Figure 4. Three-Level Input Pins
Table 3. Three-Level Input Pins1,2,3,4
Parameter
Symbol
Min
Max
Input Low Current
Iill
–30 µA
Input Mid Current
Iimm
–11 µA
–11 µA
Input High Current
Iihh
–30 µA
Notes:
1. The current parameters are the amount of leakage that the 3L inputs can tolerate from an external driver. In most
designs, an external resistor voltage divider is recommended.
2.
Resistor packs are only needed if the leakage current of the external driver exceeds the listed currents.
Any resistor pack may be used (e.g. Panasonic EXB-D10C183J). PCB layout is not critical.
3. If a pin is tied to ground or VDD, no resistors are needed.
4.
If a pin is left open (no connect), no resistors are needed.
External Driver
Si5317
Iimm
75 k
VDD
75 k
External Driver
Si5317
Iimm
18 k
VDD
18 k
75 k
VDD
75 k
One of eight resistors from a Panasonic EXB-D10C183J
(or similar) resistor pack


Similar Part No. - Si5317C-C-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5317C-C-GM SKYWORKS-SI5317C-C-GM Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
More results

Similar Description - Si5317C-C-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5317 SKYWORKS-SI5317 Datasheet
1Mb / 46P
   PIN-CONTROLLED 1–711 MHZ JITTER CLEANING CLOCK
Rev. 1.1
logo
Analog Devices
AD9540 AD-AD9540_15 Datasheet
846Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. A
AD9540 AD-AD9540 Datasheet
485Kb / 32P
   655 MHz Low Jitter Clock Generator
REV. 0
AD9540 AD-AD9540_18 Datasheet
588Kb / 32P
   655 MHz Low Jitter Clock Generator
logo
Skyworks Solutions Inc.
SI5323 SKYWORKS-SI5323 Datasheet
2Mb / 40P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
SI5323 SILABS-SI5323 Datasheet
647Kb / 16P
   PIN-PROGRAMMABLE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Texas Instruments
LMK1D1204P TI-LMK1D1204P Datasheet
1Mb / 33P
[Old version datasheet]   LMK1D1204P Pin-Controlled OE Low Additive Jitter LVDS Buffer
SNAS830 ??SEPTEMBER 2021
LMK1D1208P TI-LMK1D1208P Datasheet
2Mb / 31P
[Old version datasheet]   LMK1D1208P Pin-Controlled OE Low Additive Jitter LVDS Buffer
OCTOBER 2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
logo
Skyworks Solutions Inc.
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
   PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com