Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17H732S Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # DS17H732S
Description  3-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DS17H732S Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button DS17H732S Datasheet HTML 2Page - Sanyo Semicon Device DS17H732S Datasheet HTML 3Page - Sanyo Semicon Device DS17H732S Datasheet HTML 4Page - Sanyo Semicon Device DS17H732S Datasheet HTML 5Page - Sanyo Semicon Device DS17H732S Datasheet HTML 6Page - Sanyo Semicon Device DS17H732S Datasheet HTML 7Page - Sanyo Semicon Device DS17H732S Datasheet HTML 8Page - Sanyo Semicon Device DS17H732S Datasheet HTML 9Page - Sanyo Semicon Device DS17H732S Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7
Signal nameabbreviation
PinnumberCN1A
Function
PMDSA1S3P01
Pulse inputCW
1
2
Inputs the drive pulsefor therotation inthe CW direction.
Pulse inputCCW
3
4
Inputs the drive pulsefor therotation inthe CCWdirection.
Power down inputPD
5
6
Inputting the PD signal turns off the current that flows through the stepping motor.
Photo coupler input method:Internal photocoupler ON…… PD function enabled
Rotation monitor outputMON
MONcollector7
MONcollector8
IndicatesONwhenthe exciting phase isatthe originposition.
In thefull-step,outputs once forevery6pulses.
The CW direction of the rotation of the stepping motor is the clockwise direction when viewing the stepping motor from the output axis side
flange side.
The CCW direction is the counterclockwise direction when viewing the stepping motor from the output axis side
flange side.
3-phase STEPPING SYSTEMS
DC input
Each section nameofthe driver
1 DC source connectorCN2
  ………Connect the DC source.
2 Stepping motor output connectorCN3
  ………Connect the stepping motor drive line.
3 I/O signal connectorCN1A
  ………Connect the I/O signal.
4 Function selection DIP switchpackSL,F/R,A,B,C
  ………Select the function depending on your specification.
Function selection DIP switchpack
Operation, connection, and function
SL
Automatic current reduction
ON
100%ofcurrent rating when stopped
OFF
Approx.50%ofcurrent rating when stopped
The factory settings are shown inthe
figure above.
Before changing the settings of the
function selection DIP switches, turn off
thesourceofthe PM driver.
Note 1The temperature increase inthe
motor driver can be controlled
by setting SL to OFFapprox. 50 %
of the rated current.
Note 2TheoutputtorquewhenSL isOFF
approx.50%of therated current
isapprox. 50 %ofthatwhenSL is
ON100%ofthe ratedcurrent.
1
SLauto current down selection
Select the auto current down function.
2
F/R selectionNote
Thisswitch is not used.
Do not set ittoOFF.
DIP switch
Step angle
Number of drive pulses per one period
of phase current
AB
C
ON
ON
OFF
Basicstepangle 1/11.2°pulse
6
ON
OFF
Basicstepangle 1/20.6°pulse
12
OFF
ON
Basicstepangle 1/40.3°pulse
24
OFF
OFF
Basicstepangle 1/80.15°pulse
48
OFF
OFF
ON
Basicstepangle 1/160.075°pulse
48
When the DIP switch C = ON 1/16 division,the internal circuitstepping motor
operates at the rising edge and falling edge of the drive pulse. If thedutyratioofthe
drive pulse moves outofthe adjustment significantlyby50%,operation becomes
unstable.
3
・ 4・ 5 A, B, Cstep angle setting
Set the step angle
System configuration
I/O signal function
3
4
1
2
3
4
5


Similar Part No. - DS17H732S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS17 IXYS-DS17 Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DS17 NJSEMI-DS17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DS17-08A IXYS-DS17-08A Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
Naina Semiconductor ltd...
DS17-08A NAINA-DS17-08A Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
More results

Similar Description - DS17H732S

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
ON Semiconductor
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com