Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56004HD Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA56004HD
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004HD Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA56004HD Datasheet HTML 6Page - NXP Semiconductors SA56004HD Datasheet HTML 7Page - NXP Semiconductors SA56004HD Datasheet HTML 8Page - NXP Semiconductors SA56004HD Datasheet HTML 9Page - NXP Semiconductors SA56004HD Datasheet HTML 10Page - NXP Semiconductors SA56004HD Datasheet HTML 11Page - NXP Semiconductors SA56004HD Datasheet HTML 12Page - NXP Semiconductors SA56004HD Datasheet HTML 13Page - NXP Semiconductors SA56004HD Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
10 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
7.8.5 Conversion rate register (CR)
The conversion rate register is used to store programmable conversion data, which
defines the time interval between conversions in the standard free-running auto convert
mode. Table 9 shows all applicable data values and rates for the SA56004X. Only the
4 LSBs of the register are used and the other bits are reserved for future use. The register
is R/W using the read address 04h and write address 0Ah. The POR default conversion
data is 08h.
7.8.6 Temperature limit registers
[1]
POR default LHS = RHSHV = 46h (70
°C).
[2]
POR default RHSLB = 00h.
[1]
POR default LLS = RLSHV = 00h.
[2]
POR default RLSLB = 00h (0
°C).
[1]
POR default LCS = RCS = 55h (85
°C).
Table 9.
Conversion rate control byte (CR)
Data value
Conversion rate (Hz)
00h
0.06
01h
0.12
02h
0.25
03h
0.50
04h
1.0
05h
2
06h
4
07h
8
08h
16
09h
32
0Ah to FFh
n/a
Table 10.
LHS, RHSHB, RHSLB - Local and remote HIGH setpoint registers
Byte
High byte (read only address 05h, 07h;
write address 0Bh, 0Dh)[1]
Low byte (read/write address 13h)[2]
Bit
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Value
sign
64
32
16
8421
0.5
0.25
0.125
00000
Table 11.
LLS, RLSHB, RLSLB - Local and remote LOW setpoint registers
Byte
High byte (read address 06h, 08h;
write address 0Ch, 0Eh)[1]
Low byte (read/write address 14h)[2]
Bit
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Value
sign
64
32
16
8421
0.5
0.25
0.125
00000
Table 12.
LCS, RCS - Local and remote T_CRIT registers
Byte
Single high byte (read/write address 20h, 19h)[1]
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
sign
64
32
16
8
4
2
1


Similar Part No. - SA56004HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004HD PHILIPS-SA56004HD Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
SA56004HDP PHILIPS-SA56004HDP Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
More results

Similar Description - SA56004HD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
logo
NXP Semiconductors
SA56004X PHILIPS-SA56004X Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com