Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA56004DDP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA56004DDP
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004DDP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA56004DDP Datasheet HTML 4Page - NXP Semiconductors SA56004DDP Datasheet HTML 5Page - NXP Semiconductors SA56004DDP Datasheet HTML 6Page - NXP Semiconductors SA56004DDP Datasheet HTML 7Page - NXP Semiconductors SA56004DDP Datasheet HTML 8Page - NXP Semiconductors SA56004DDP Datasheet HTML 9Page - NXP Semiconductors SA56004DDP Datasheet HTML 10Page - NXP Semiconductors SA56004DDP Datasheet HTML 11Page - NXP Semiconductors SA56004DDP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
8 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
7.8 SA56004X SMBus registers
7.8.1 Command register
The command register selects which register will be read or written to. Data for this
register should be transmitted during the Command Byte of the SMBus write
communication.
7.8.2 Local and remote temperature registers (LTHB, LTLB, RTHB, RTLB)
7.8.3 Configuration register (CON)
The configuration register is an 8-bit register with read address 03h and write address
09h. Table 7 shows how the bits in this register are used.
Table 5.
Temperature data format
Temperature
Digital output
Binary
Hex
+125
°C
0111 1101 0000 0000
7D00h
+25
°C
0001 1001 0000 0000
1900h
+1
°C
0000 0001 0000 0000
0100h
+0.125
°C
0000 0000 0010 0000
0020h
0
°C
0000 0000 0000 0000
0000h
−0.125 °C
1111 1111 1110 0000
FFE0h
−1 °C
1111 1111 0000 0000
FF00h
−25 °C
1110 0111 0000 0000
E700h
−55 °C
1100 1001 0000 0000
C900h
Table 6.
LTHB, LTLB, RTHB, RTLB - Local and remote temperature registers
Byte
High byte (read only; address 00h, 01h)
Low byte (read only; address 10h)
Bit
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Value
sign
64
32
16
8421
0.5
0.25
0.125
00000
Table 7.
CON - Configuration register (read address 03h; write address 09h)
bit assignments
Bit
Description
POR state
7
ALERT mask.
The ALERT interrupt is enabled when this bit is LOW. The ALERT interrupt
is disabled (masked) when this bit is HIGH.
0
6
RUN/STOP.
Standby or run mode control. Running mode is enabled when this bit is
LOW. The SA56004X is in standby mode when this bit is HIGH.
0
5
Not defined; defaults to logic 0.
0
4
Remote T_CRIT mask.
The T_CRIT output will be activated by a remote temperature that exceeds
the remote T_CRIT setpoint when this bit is LOW. The T_CRIT output will
not be activated under this condition when this bit is HIGH.
0
3
Not defined; defaults to logic 0.
0


Similar Part No. - SA56004DDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004DDP PHILIPS-SA56004DDP Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
More results

Similar Description - SA56004DDP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
logo
NXP Semiconductors
SA56004X PHILIPS-SA56004X Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com