Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SC16IS750IBS Datasheet(HTML) 24 Page - NXP Semiconductors

Part No. SC16IS750IBS
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SC16IS750IBS Datasheet(HTML) 24 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 62 page
background image
SC16IS740_750_760_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 13 May 2008
24 of 62
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
[1]
FIFO reset requires at least two XTAL1 clocks, therefore, they cannot be reset without the presence of the
XTAL1 clock.
8.4 Line Control Register (LCR)
This register controls the data communication format. The word length, number of stop
bits, and parity type are selected by writing the appropriate bits to the LCR. Table 12
shows the Line Control Register bit settings.
Table 12.
Line Control Register bits description
Bit
Symbol
Description
7
LCR[7]
divisor latch enable
logic 0 = divisor latch disabled (normal default condition)
logic 1 = divisor latch enabled
6
LCR[6]
Break control bit. When enabled, the break control bit causes a break
condition to be transmitted (the TX output is forced to a logic 0 state).
This condition exists until disabled by setting LCR[6] to a logic 0.
logic 0 = no TX break condition (normal default condition).
logic 1 = forces the transmitter output (TX) to a logic 0 to alert the
communication terminal to a line break condition
5
LCR[5]
Set parity. LCR[5] selects the forced parity format (if LCR[3] = 1).
logic 0 = parity is not forced (normal default condition).
LCR[5] = logic 1 and LCR[4] = logic 0: parity bit is forced to a logical 1
for the transmit and receive data.
LCR[5] = logic 1 and LCR[4] = logic 1: parity bit is forced to a logical 0
for the transmit and receive data.
4
LCR[4]
parity type select
logic 0 = odd parity is generated (if LCR[3] = 1)
logic 1 = even parity is generated (if LCR[3] = 1)
3
LCR[3]
parity enable
logic 0 = no parity (normal default condition).
logic 1 = a parity bit is generated during transmission and the receiver
checks for received parity
2
LCR[2]
Number of stop bits. Specifies the number of stop bits.
0 to 1 stop bit (word length = 5, 6, 7, 8)
1 to 1.5 stop bits (word length = 5)
1 = 2 stop bits (word length = 6, 7, 8)
1:0
LCR[1:0]
Word length bits 1, 0. These two bits specify the word length to be
transmitted or received; see Table 15.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn