Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SC16IS750IBS Datasheet(HTML) 32 Page - NXP Semiconductors

Part No. SC16IS750IBS
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SC16IS750IBS Datasheet(HTML) 32 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 62 page
background image
SC16IS740_750_760_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 13 May 2008
32 of 62
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
8.12 Transmission Control Register (TCR)
This 8-bit register is used to store the RX FIFO threshold levels to stop/start transmission
during hardware/software flow control. Table 23 shows Transmission Control Register bit
settings.
TCR trigger levels are available from 0 to 60 characters with a granularity of four.
Remark: TCR can only be written to when EFR[4] = 1 and MCR[2] = 1. The programmer
must program the TCR such that TCR[3:0] > TCR[7:4]. There is no built-in hardware
check to make sure this condition is met. Also, the TCR must be programmed with this
condition before auto RTS or software flow control is enabled to avoid spurious operation
of the device.
8.13 Trigger Level Register (TLR)
This 8-bit register is used to store the transmit and received FIFO trigger levels used for
interrupt generation. Trigger levels from 4 to 60 can be programmed with a granularity
of 4. Table 24 shows trigger level register bit settings.
Remark: TLR can only be written to when EFR[4] = 1 and MCR[2] = 1. If TLR[3:0] or
TLR[7:4] are logical 0, the selectable trigger levels via the FIFO Control Register (FCR)
are used for the transmit and receive FIFO trigger levels. Trigger levels from 4 characters
to 60 characters are available with a granularity of four. The TLR should be programmed
for N
4, where N is the desired trigger level.
When the trigger level setting in TLR is zero, the SC16IS740/750/760 uses the trigger
level setting defined in FCR. If TLR has non-zero trigger level value, the trigger level
defined in FCR is discarded. This applies to both transmit FIFO and receive FIFO trigger
level setting.
When TLR is used for RX trigger level control, FCR[7:6] should be left at the default state,
that is, ‘00’.
8.14 Transmitter FIFO Level register (TXLVL)
This register is a read-only register, it reports the number of spaces available in the
transmit FIFO.
Table 23.
Transmission Control Register bits description
Bit
Symbol
Description
7:4
TCR[7:4]
RX FIFO trigger level to resume
3:0
TCR[3:0]
RX FIFO trigger level to halt transmission
Table 24.
Trigger Level Register bits description
Bit
Symbol
Description
7:4
TLR[7:4]
RX FIFO trigger levels (4 to 60), number of characters available.
3:0
TLR[3:0]
TX FIFO trigger levels (4 to 60), number of spaces available.
Table 25.
Transmitter FIFO Level register bits description
Bit
Symbol
Description
7
-
not used; set to zeros
6:0
TXLVL[6:0]
number of spaces available in TX FIFO, from 0 (0x00) to 64 (0x40)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn