Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SC16IS750IBS Datasheet(HTML) 42 Page - NXP Semiconductors

Part No. SC16IS750IBS
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SC16IS750IBS Datasheet(HTML) 42 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 62 page
background image
SC16IS740_750_760_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 13 May 2008
42 of 62
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
Table 33 and Table 34 show the bits’ presentation at the subaddress byte for I2C-bus and
SPI interfaces. Bit 0 is not used, bits 2:1 select the channel, bits 6:3 select one of the
UART internal registers. Bit 7 is not used with the I2C-bus interface, but it is used by the
SPI interface to indicate a read or a write operation.
The register read cycle (see Figure 23) commences in a similar manner, with the master
sending a slave address with the direction bit set to ‘write’ with a following subaddress.
Then, in order to reverse the direction of the transfer, the master issues a repeated START
followed again by the device address, but this time with the direction bit set to ‘read’. The
data bytes starting at the internal subaddress will be clocked out of the device, each
followed by a master-generated acknowledge. The last byte of the read cycle will be
followed by a negative acknowledge, signalling the end of transfer. The cycle is terminated
by a STOP signal.
White block: host to SC16IS740/750/760
Grey block: SC16IS740/750/760 to host
(1) See Table 33 for additional information.
Fig 22. Master writes to slave
S
SLAVE ADDRESS
002aab047
W
A
REGISTER ADDRESS(1)
A
nDATA
A
P
White block: host to SC16IS740/750/760
Grey block: SC16IS740/750/760 to host
(1) See Table 33 for additional information.
Fig 23. Master read from slave
S
SLAVE ADDRESS
002aab048
W
A
REGISTER ADDRESS(1)
A
NA
P
S
SLAVE ADDRESS
R
A
nDATA
A
LAST DATA
Table 33.
Register address byte (I2C)
Bit
Name
Function
7
-
not used
6:3
A[3:0]
UART’s internal register select
2:1
CH1, CH0
channel select: CH1 = 0, CH0 = 0
Other values are reserved and should not be used.
0
-
not used


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn