Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SC16IS750IBS Datasheet(HTML) 12 Page - NXP Semiconductors

Part No. SC16IS750IBS
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  62 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

SC16IS750IBS Datasheet(HTML) 12 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 62 page
background image
SC16IS740_750_760_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 13 May 2008
12 of 62
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
There are two other enhanced features relating to software flow control:
Xon Any function (MCR[5]): Receiving any character will resume operation after
recognizing the Xoff character. It is possible that an Xon1 character is recognized as
an Xon Any character, which could cause an Xon2 character to be written to the RX
FIFO.
Special character (EFR[5]): Incoming data is compared to Xoff2. Detection of the
special character sets the Xoff interrupt (IIR[4]) but does not halt transmission. The
Xoff interrupt is cleared by a read of the IIR. The special character is transferred to the
RX FIFO.
7.3.1 RX
When software flow control operation is enabled, the SC16IS740/750/760 will compare
incoming data with Xoff1/Xoff2 programmed characters (in certain cases, Xoff1 and Xoff2
must be received sequentially). When the correct Xoff characters are received,
transmission is halted after completing transmission of the current character. Xoff
detection also sets IIR[4] (if enabled via IER[5]) and causes IRQ to go LOW.
To resume transmission, an Xon1/Xon2 character must be received (in certain cases
Xon1 and Xon2 must be received sequentially). When the correct Xon characters are
received, IIR[4] is cleared, and the Xoff interrupt disappears.
7.3.2 TX
Xoff1/Xoff2 character is transmitted when the RX FIFO has passed the HALT trigger level
programmed in TCR[3:0] or the selectable trigger level in FCR[7:6]
Xon1/Xoff2 character is transmitted when the RX FIFO reaches the RESUME trigger level
programmed in TCR[7:4] or RX FIFO falls below the lower selectable trigger level in
FCR[7:6].
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of an
ordinary character from the FIFO. This means that even if the word length is set to be 5, 6,
or 7 bits, then the 5, 6, or 7 least significant bits of XOFF1/XOFF2 or XON1/XON2 will be
transmitted. (Note that the transmission of 5, 6, or 7 bits of a character is seldom done, but
this functionality is included to maintain compatibility with earlier designs.)
It is assumed that software flow control and hardware flow control will never be enabled
simultaneously. Figure 11 shows an example of software flow control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn