Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS17H734D Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # DS17H734D
Description  3-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DS17H734D Datasheet(HTML) 4 Page - Sanyo Semicon Device

  DS17H734D Datasheet HTML 1Page - Sanyo Semicon Device DS17H734D Datasheet HTML 2Page - Sanyo Semicon Device DS17H734D Datasheet HTML 3Page - Sanyo Semicon Device DS17H734D Datasheet HTML 4Page - Sanyo Semicon Device DS17H734D Datasheet HTML 5Page - Sanyo Semicon Device DS17H734D Datasheet HTML 6Page - Sanyo Semicon Device DS17H734D Datasheet HTML 7Page - Sanyo Semicon Device DS17H734D Datasheet HTML 8Page - Sanyo Semicon Device DS17H734D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3
3-phase STEPPING SYSTEMS
Part number convention
The following set part number specifies a system with an F series drivertype code : PMDSA1S3P01and a single
shaft H series motortype code : 103H7332-0340, 56 mm2.20 inchsquare flange, and 53.8 mm2.12 inch
motor length.
D
1
7
H
73
Power specification
DDC
F series driver model number
1PMDSA1S3P01
Rated current specification
7 : 3 A/phase
Stepping motor series name
H : Standard stepping motor for setfor general industrial machines
H series
Stepping motor flange sizeindicated by the upper two digits
5342 mm1.65 inch7356 mm2.20 inch
6350 mm1.97 inch7860 mm2.36 inch
Ex.Setpping motor model number
103H7332-0340 : Indicated the motor type4to5digits.
2
S
S
DC input
Stepping motor total length
indicated by the lowest one digitof motor type
Stepping motor shaft spec
S:Single shaft
D : Double shaft
Connection specification
S : Star connection3-phase
Code
Motor flange size
42 mm1.65 inch50 mm1.97 inch56 mm2.20 inch60 mm2.36 inch
Type code
Motor
length
:mm
inch
Type code
Motor
length
:mm
inch
Type code
Motor
length
:mm
inch
Type code
Motor
length
:mm
inch
1
ーーーーーーー
2
5332
391.54
6332
51.32.02
7332
53.82.12
7832
53.82.12
3
5333
481.89
6333
64.82.55
7333
85.8
3.38
7833
85.8
3.38
4
ーーーーーーー


Similar Part No. - DS17H734D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS17 IXYS-DS17 Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DS17 NJSEMI-DS17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DS17-08A IXYS-DS17-08A Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
Naina Semiconductor ltd...
DS17-08A NAINA-DS17-08A Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
More results

Similar Description - DS17H734D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
ON Semiconductor
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com