Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3663AT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA3663AT
Description  Very low dropout voltage/quiescent current 3.3 V voltage regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA3663AT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA3663AT Datasheet HTML 1Page - NXP Semiconductors TDA3663AT Datasheet HTML 2Page - NXP Semiconductors TDA3663AT Datasheet HTML 3Page - NXP Semiconductors TDA3663AT Datasheet HTML 4Page - NXP Semiconductors TDA3663AT Datasheet HTML 5Page - NXP Semiconductors TDA3663AT Datasheet HTML 6Page - NXP Semiconductors TDA3663AT Datasheet HTML 7Page - NXP Semiconductors TDA3663AT Datasheet HTML 8Page - NXP Semiconductors TDA3663AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TDA3663_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 26 June 2007
5 of 15
NXP Semiconductors
TDA3663
Very low dropout voltage/quiescent current 3.3 V voltage regulator
9.
Thermal characteristics
10. Characteristics
[1]
The regulator output will follow VP if VP <VREG +VREG(drop).
Table 5:
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to ambient
SO4
in free air; soldered
100
K/W
SO8
in free air; soldered
155
K/W
Rth(j-c)
thermal resistance from junction to case
SO4
to center pins; soldered
25
K/W
SO8
to center pins; soldered
30
K/W
Table 6:
Characteristics
VP = 14.4 V; Tamb =25 °C; measured with test circuit of Figure 15; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply voltage: pin VP
VP
supply voltage
regulator operating
[1] 3
14.4
45
V
Iq
quiescent current
VP = 4.5 V; IREG =0mA
-
10
-
µA
VP = 14.4 V; IREG = 0 mA
-
15
30
µA
6V
≤ VP ≤ 22 V; IREG = 10 mA
-
0.2
0.5
mA
6V
≤ VP ≤ 22 V; IREG = 50 mA
-
1.4
2.5
mA
Regulator output: pin REG
VREG
output voltage
8 V
≤ VP ≤ 22 V; IREG = 0.5 mA
3.16
3.3
3.44
V
0.5 mA
≤ IREG ≤ 100 mA
3.13
3.3
3.47
V
6V
≤ VP ≤ 45 V; IREG = 0.5 mA
3.13
3.3
3.47
V
VREG(drop)
dropout voltage
VP = 3.1 V; Tamb ≤ 85 °C;
IREG =50mA
-
0.18
0.3
V
VREG(stab)
output voltage long-term
stability
per 1000 h
-
20
-
mV
∆VREG(line)
line input regulation
voltage
7V
≤ VP ≤ 22 V; IREG = 0.5 mA
-
1
30
mV
7V
≤ VP ≤ 45 V; IREG = 0.5 mA
-
1
50
mV
∆VREG(load) load output regulation
voltage
0.5 mA
≤ IREG ≤ 50 mA
-
10
50
mV
SVRR
supply voltage ripple
rejection
fi = 120 Hz;
Vi(ripple) = 1 V (RMS);
IREG = 0.5 mA
50
60
-
dB
IREG(crl)
output current limit
VREG > 2.8 V
0.17
0.25
-
A
ILO(rp)
output leakage current at
reverse polarity
VP = −15 V; VREG ≤ 0.3 V
-
1
500
µA


Similar Part No. - TDA3663AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3663AT PHILIPS-TDA3663AT Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results

Similar Description - TDA3663AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
logo
STMicroelectronics
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com