Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA3664TT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA3664TT
Description  Very low dropout voltage/quiescent current 5 V voltage regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA3664TT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA3664TT Datasheet HTML 4Page - NXP Semiconductors TDA3664TT Datasheet HTML 5Page - NXP Semiconductors TDA3664TT Datasheet HTML 6Page - NXP Semiconductors TDA3664TT Datasheet HTML 7Page - NXP Semiconductors TDA3664TT Datasheet HTML 8Page - NXP Semiconductors TDA3664TT Datasheet HTML 9Page - NXP Semiconductors TDA3664TT Datasheet HTML 10Page - NXP Semiconductors TDA3664TT Datasheet HTML 11Page - NXP Semiconductors TDA3664TT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TDA3664_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 25 June 2007
8 of 16
NXP Semiconductors
TDA3664
Very low dropout voltage/quiescent current 5 V voltage regulator
11.4 Additional application information
This section gives typical curves for various parameters measured on the TDA3664AT.
Standard test conditions are: VP = 14.4 V; Tamb =25 C.
IREG =0mA
Fig 5.
Quiescent current as a function of the supply
voltage
Fig 6.
Quiescent current increase at high supply
voltage
IREG =10mA
IREG = 50 mA
Fig 7.
Quiescent current as a function of the supply
voltage.
Fig 8.
Quiescent current as a function of the supply
voltage
010
VP (V)
Iq
(
µA)
20
30
25
0
20
15
10
5
mda947
010
50
4
3
1
0
2
20
30
VP (V)
Iq
(mA)
40
mda949
5
0.36
0.40
0.44
0.48
10
15
VP (V)
Iq
(mA)
25
20
mda948
5
1.4
1.6
1.8
2
10
15
VP (V)
Iq
(mA)
25
20
mda950


Similar Part No. - TDA3664TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3664T PHILIPS-TDA3664T Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
More results

Similar Description - TDA3664TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3663 NXP-TDA3663 Datasheet
91Kb / 15P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 06-26 June 2007
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
TDA3668AT PHILIPS-TDA3668AT Datasheet
84Kb / 16P
   Very low dropout voltage/quiescent current 5 V regulator with overvoltage switch off
2000 Feb 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com