Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8932B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8932B Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8932B Datasheet HTML 1Page - NXP Semiconductors TDA8932B Datasheet HTML 2Page - NXP Semiconductors TDA8932B Datasheet HTML 3Page - NXP Semiconductors TDA8932B Datasheet HTML 4Page - NXP Semiconductors TDA8932B Datasheet HTML 5Page - NXP Semiconductors TDA8932B Datasheet HTML 6Page - NXP Semiconductors TDA8932B Datasheet HTML 7Page - NXP Semiconductors TDA8932B Datasheet HTML 8Page - NXP Semiconductors TDA8932B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
TDA8932B_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 18 December 2008
5 of 48
NXP Semiconductors
TDA8932B
Class-D audio amplifier
[1]
The exposed die pad has to be connected to VSSD(HW).
8.
Functional description
8.1 General
The TDA8932B is a mono full-bridge or stereo half-bridge audio power amplifier using
class-D technology. The audio input signal is converted into a Pulse Width Modulated
(PWM) signal via an analog input stage and PWM modulator. To enable the output power
Diffusion Metal Oxide Semiconductor (DMOS) transistors to be driven, this digital PWM
signal is applied to a control and handshake block and driver circuits for both the high side
and low side. A 2nd-order low-pass filter converts the PWM signal to an analog audio
signal across the loudspeakers.
The TDA8932B contains two independent half-bridges with full differential input stages.
The loudspeakers can be connected in the following configurations:
Mono full-bridge: Bridge Tied Load (BTL)
Stereo half-bridge: Single-Ended (SE)
The TDA8932B contains common circuits to both channels such as the oscillator, all
reference sources, the mode functionality and a digital timing manager. The following
protections are built-in: thermal foldback, temperature, current and voltage protections.
HVP2
19
half supply output voltage 2 for charging single-ended capacitor for
channel 2
VDDP2
20
positive power supply voltage for channel 2
BOOT2
21
bootstrap high-side driver channel 2
OUT2
22
PWM output channel 2
VSSP2
23
negative power supply voltage for channel 2
STAB2
24
decoupling of internal 11 V regulator for channel 2 drivers
STAB1
25
decoupling of internal 11 V regulator for channel 1 drivers
VSSP1
26
negative power supply voltage for channel 1
OUT1
27
PWM output channel 1
BOOT1
28
bootstrap high-side driver channel 1
VDDP1
29
positive power supply voltage for channel 1
HVP1
30
half supply output voltage 1 for charging single-ended capacitor for
channel 1
OSCIO
31
oscillator input in slave configuration or oscillator output in master
configuration
VSSD(HW)
32
negative digital supply voltage and handle wafer connection
Exposed die
pad
-
HTSSOP32 package only[1]
Table 3.
Pin description …continued
Symbol
Pin
Description


Similar Part No. - TDA8932B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Similar Description - TDA8932B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932B PHILIPS-TDA8932B_15 Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com