Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9901TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9901TS
Description  Wideband differential digital controlled variable gain amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9901TS Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9901TS Datasheet HTML 1Page - NXP Semiconductors TDA9901TS Datasheet HTML 2Page - NXP Semiconductors TDA9901TS Datasheet HTML 3Page - NXP Semiconductors TDA9901TS Datasheet HTML 4Page - NXP Semiconductors TDA9901TS Datasheet HTML 5Page - NXP Semiconductors TDA9901TS Datasheet HTML 6Page - NXP Semiconductors TDA9901TS Datasheet HTML 7Page - NXP Semiconductors TDA9901TS Datasheet HTML 8Page - NXP Semiconductors TDA9901TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TDA9901_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 14 August 2008
2 of 18
NXP Semiconductors
TDA9901
Wideband differential digital controlled variable gain amplifier
4.
Quick reference data
[1]
Due to on-chip regulator behavior a warm-up time of 1 minute (typical) is recommended for optimal
performance.
5.
Ordering information
Table 1.
Quick reference data
VDDA = V11 to V12 = 4.75 V to 5.25 V; VDDD = V18 to V17 = 3.0 V to 5.25 V; VSSA and VSSD
shorted together; Tamb = −40 °Cto+85 °C; typical values measured at VCCA = 5.0 V; VCCD = 3.3 V
and Tamb =25 °C unless otherwise specified [1].
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDDA
analog supply voltage
4.75
5.0
5.25
V
VDDD
digital supply voltage
3.0
3.3
5.25
V
IDDA
analog supply current
-
30
36
mA
IDDD
digital supply current
-
3.0
5.0
mA
Gmin
minimum gain
DC input:
Tamb = 25 °C
5.78
6.11
6.40
dB
all temperatures
5.7
6.11
6.46
dB
Gmax
maximum gain
DC input:
Tamb = 25 °C
29.9
30.5
30.9
dB
all temperatures
29.3
30.5
31.5
dB
B_3dB
−3 dB bandwidth
Vo(dif)(p-p) = 0.125 V;
Tamb =25 °C
110
130
-
MHz
Ptot
total power dissipation
-
160
216
mW
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TDA9901TS
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1


Similar Part No. - TDA9901TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901TS PHILIPS-TDA9901TS Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
More results

Similar Description - TDA9901TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9901 PHILIPS-TDA9901 Datasheet
90Kb / 20P
   Wideband differential digital controlled variable gain amplifier
1999 Oct 08
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA0025 RFMD-RFDA0025 Datasheet
1,006Kb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2025 RFMD-RFDA2025 Datasheet
1Mb / 11P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Mini-Circuits
DVGA1-242APP MINI-DVGA1-242APP Datasheet
697Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33APP MINI-DVGA2-33APP Datasheet
721Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA2-33A MINI-DVGA2-33A Datasheet
622Kb / 9P
   Digital Controlled Variable Gain Amplifier
DVGA1-242PP MINI-DVGA1-242PP Datasheet
888Kb / 9P
   Digital Controlled Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com